Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20132SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20132SP
Description  Critical Conduction Mode Interleave PFC Control IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20132SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20132SP Datasheet HTML 1Page - Renesas Technology Corp R2A20132SP Datasheet HTML 2Page - Renesas Technology Corp R2A20132SP Datasheet HTML 3Page - Renesas Technology Corp R2A20132SP Datasheet HTML 4Page - Renesas Technology Corp R2A20132SP Datasheet HTML 5Page - Renesas Technology Corp R2A20132SP Datasheet HTML 6Page - Renesas Technology Corp R2A20132SP Datasheet HTML 7Page - Renesas Technology Corp R2A20132SP Datasheet HTML 8Page - Renesas Technology Corp R2A20132SP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R2A20132SP
Preliminary
REJ03D0921-0100 Rev.1.00 Oct 02, 2009
Page 4 of 8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Supply voltage
VCC
–0.3 to 24
V
GD peak current
Ipk-gd
–300
+1200
mA
3
GD DC current
Idc-gd
–15
+60
mA
ZCD terminal current
Izcd
+10
–10
mA
BO terminal current
Ibom
300
μA
RT terminal current
Irt
–200
μA
Vref terminal current
Iref
–5
mA
COMP terminal current
Icomp
±1
mA
ACDET terminal current
Iacdetm
500
μA
Vt-group1
–0.3 to Vcc
V
4
Terminal voltage
Vt-group2
–0.3 to Vref
V
5
Vref terminal voltage
Vt-ref
–0.3 to Vref + 0.3
V
Power dissipation
Pt
1
W
6
Operating junction temperature
Tj-opr
–40 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND terminal.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. This is the rated voltage for the following pins:
RAMP, ACDET
5. This is the rated voltage for the following pins:
FB(+), FB(–), OCP-M, OCP-S, OVP2, SD1, SD2, OTC
6. In case of R2A20132SP (SOP):
θja = 120°C/W
This value is a thing mounting on 40
× 40 × 1.6 [mm], a glass epoxy board of wiring density 10%.


Similar Part No. - R2A20132SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20132SP RENESAS-R2A20132SP Datasheet
259Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
Jan 08, 2016
R2A20132SPW0 RENESAS-R2A20132SPW0 Datasheet
259Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
Jan 08, 2016
R2A20132SP RENESAS-R2A20132SP_16 Datasheet
260Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
R2A20132SP RENESAS-R2A20132SP_V01 Datasheet
259Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
Jan 08, 2016
More results

Similar Description - R2A20132SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20132SP RENESAS-R2A20132SP_16 Datasheet
260Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
R2A20132SP RENESAS-R2A20132SP_V01 Datasheet
259Kb / 9P
   Critical Conduction Mode Interleave PFC Control IC
Jan 08, 2016
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
   Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com