Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32M4GL-120 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32M4GL-120
Description  FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32M4GL-120 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF4M32M4GL-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32M4GL-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HANBit
HMF4M32M4GL
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
5
Input rise and full times
5
20
ns
Input pulse levels
0.0 - 3.0
0.45-2.4
V
Input timing measurement reference levels
1.5
0.8
V
Output timing measurement reference levels
1.5
2.0
V
u Write (Erase/Program) Operations
PARAMETER
SYMBOLS
JEDEC
STANDARD
DESCRIPTION
-75
-90
UNIT
tAVAV
tWC
Write Cycle Time
Min
70
90
ns
tAVWL
tAS
Address Setup Time
Min
0
0
ns
tWLAX
tAH
Address Hold Time
Min
40
45
ns
tDVWH
tDS
Data Setup Time
Min
40
45
ns
tWHDX
tDH
Data Hold Time
Min
0
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
Min
0
0
ns
tELWL
tCS
/CE Setup Time
Min
0
0
ns
tWHEH
tCH
/CE Hold Time
Min
0
0
ns
tWLWH
tWP
Write Pulse Width
Min
40
45
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note1)
Typ
1
1
Sec
tVCS
Vcc set up time
Min
50
50
µs
Notes :
1. This does not include the preprogramming time
5.0V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF4M32M4GL-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8G HANBIT-HMF4M32M8G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8G-120 HANBIT-HMF4M32M8G-120 Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8G-75 HANBIT-HMF4M32M8G-75 Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8G-90 HANBIT-HMF4M32M8G-90 Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
More results

Similar Description - HMF4M32M4GL-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M8G HANBIT-HMF4M32M8G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF8M32M8A HANBIT-HMF8M32M8A Datasheet
454Kb / 12P
   FLASH-ROM MODULE 32MByte (8M x 32Bit), 72-Pin SIMM, 5V
HMF1M32M8S HANBIT-HMF1M32M8S Datasheet
423Kb / 10P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF1M32M4GL HANBIT-HMF1M32M4GL Datasheet
416Kb / 11P
   FLASH-ROM MODULE 4MByte (1M x 32-Bit),72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com