Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32B8VS Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32B8VS
Description  FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32B8VS Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF4M32B8VS Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32B8VS Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HANBit
HMF4M32B8VS
URL: www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August,2002)
4
5MHZ
16
ICC1
Vcc Active Read Current
(Note1)
/CE=VIL, /OE=VIL
All Outputs open
1MHZ
4
mA
ICC2
Vcc Active Write Current
(Note 2 and 4)
/CE=VIL, /OE=VIH
30
mA
ICC3
Vcc Standby Current
Vcc=Vcc max ; /CE,Reset=Vcc
±0.3V
5
uA
ICC4
Vcc Standby Current
During Reset
Vcc=Vcc max ; /Reset=Vcc
±0.3V
5
uA
ICC5
Automatic Sleep
Mode(Note3)
VIH=Vcc
±0.3V;
VIL=Vss
±0.3V
5
uA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
0.7xVcc
Vcc+0.3
V
VID
Voltage for Autoselect
and Temporary Unprotect
Vcc=3.3V
11.5
12.5
V
VOL
Output Low Voltage
IOL=4.0mA, Vcc=Vcc min
0.4
V
VOH1
IOH=-2.0mA, Vcc=Vcc min
0.85xVcc
V
VOH2
Output High Voltage
IOH=-100uA, Vcc= Vcc min
Vcc-0.4
V
VLKO
Low Vcc Lock-Out
Voltage
1.5
V
Notes :
1.
The Icc current listed includes both the DC operating current ane the frequency dependent component(at 5 MHz).
The read current is typically 9mA (@VCC=3.0V. /OE at V1H )
2.
Icc active while Embedded Erase or Embedded Program is progress.
3.
Automatic sleep mode enables the low power mode when adder sses remain stable for tACC+30ns. Typical
sleep mode current is 200nA.
4.
Not 100% tested.
ERASE AND PROGRAMMING PERFORMANCE
PARAMETER
TYP
MAX
UNIT
COMMENTS
Block Erase Time
0.7
15
sec
Chip Erase Time
27
sec
Excludes 00h programming prior to
erasure
Byte Programming Time
9
270
us
Word Programming Time
11
330
us
Byte Mode
18
54
sec
Chip Programming Time
Word Mode
12
36
sec
Excludes system level overhead
Notes :
1. 25
OC, Vcc=3.0V, 100,000 cycles, typical pattern.
2. System-level overhead is defined as the time required to excute the four-bus-cycle command necessary to program
each byte. In the preprogramming step of the internal Erase Routine, all bytes ar e programmed to 00H before erasure.


Similar Part No. - HMF4M32B8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-120 HANBIT-HMF4M32B8V-120 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-70 HANBIT-HMF4M32B8V-70 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-80 HANBIT-HMF4M32B8V-80 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-90 HANBIT-HMF4M32B8V-90 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
More results

Similar Description - HMF4M32B8VS

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VN HANBIT-HMF4M32B8VN Datasheet
430Kb / 13P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF3M32M6V HANBIT-HMF3M32M6V Datasheet
422Kb / 12P
   FLASH-ROM MODULE 12MByte (3M x 32-Bit) ,72pin-SIMM, 3.3V
HMF4M32M8V HANBIT-HMF4M32M8V Datasheet
429Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com