Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF4M32B8VN Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF4M32B8VN
Description  FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF4M32B8VN Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF4M32B8VN Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF4M32B8VN Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HANBit
HMF4M32B8VN
URL:www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
TRUTH TABLE
MODE
/OE
/CE
/WE
DQ
POWER
STANDBY
X
Vcc
± 0.3
X
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
READ
L
L
H
Dout
ACTIVE
WRITE or ERASE
H
L
L
Din
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to +0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55Oc to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage t o the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
±5% device Supply Voltages
VCC
3.0V
3.6V
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.5mA, Vcc = Vcc min
VOH
0.85*
VCC
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc min
VOL
0.45
V
Vcc Active Current for Read(1)
/CE = VIL, /OE=VIH,
ICC1
72
128
mA
Vcc Active Current for Program
or Erase(2)
/CE = VIL, /OE=VIH
ICC2
160
240
mA
Vcc Standby Current
/CE= VIH
ICC3
1.6
40
mA
Low Vcc Lock-Out Voltage
VLKO
2.3
2.5
V
Notes: 1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress
3. Maximum Icc current specifications are tested with Vcc=Vcc max


Similar Part No. - HMF4M32B8VN

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8V HANBIT-HMF4M32B8V Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-120 HANBIT-HMF4M32B8V-120 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-70 HANBIT-HMF4M32B8V-70 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-80 HANBIT-HMF4M32B8V-80 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
HMF4M32B8V-90 HANBIT-HMF4M32B8V-90 Datasheet
216Kb / 12P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SO-DIMM, 3.3V Design
More results

Similar Description - HMF4M32B8VN

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32B4VN HANBIT-HMF2M32B4VN Datasheet
422Kb / 13P
   FLASH-ROM MODULE 8MByte (2M x 32Bit), 144-Pin SODIMM, 3.3V
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32M8G HANBIT-HMF4M32M8G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 72-Pin SIMM, 5V
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF2M64F8V HANBIT-HMF2M64F8V Datasheet
561Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF4M32M8VGL HANBIT-HMF4M32M8VGL Datasheet
428Kb / 11P
   Flash-ROM Module 16MByte (4Mx32Bit), 72Pin-SIMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com