Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATMEGA88_1 Datasheet HTML 2Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 3Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 4Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 5Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 9Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
7738C–AVR–11/09
ATmega88 Automotive
2.
Ordering Information
3.
Package Information
Table 2-1.
ATmega88
Speed (MHz) Power Supply ISP Flash
Ordering Code
Package
Operation Range
2-8
1.8V to 5.5V
8 KB
ATmega88V-15MT
PN
Automotive (–40°C to +85°C)
2-8
1.8V to 5.5V
8 KB
ATmega88V-15AT
MA
Automotive (–40°C to +85°C)
Table 3-1.
Package Types
Package Type
PN
32-pad, 5
× 5 × 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package
(QFN/MLF): E2/D2 3.1 ±0.1 mm
MA
MA, 32 - Lead, 7
× 7 mm Body Size, 1.0 mm Body Thickness 0.5 mm Lead Pitch, Thin Profile
Plastic Quad Flat Package (TQFP)


Similar Part No. - ATMEGA88_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88-15AD ATMEL-ATMEGA88-15AD Datasheet
356Kb / 22P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AD ATMEL-ATmega88-15AD Datasheet
1Mb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AT ATMEL-ATmega88-15AT Datasheet
5Mb / 340P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AT1 ATMEL-ATmega88-15AT1 Datasheet
5Mb / 340P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AZ ATMEL-ATmega88-15AZ Datasheet
5Mb / 340P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA88_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com