Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY87 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY87
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY87 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY87 Datasheet HTML 7Page - ATMEL Corporation ATTINY87 Datasheet HTML 8Page - ATMEL Corporation ATTINY87 Datasheet HTML 9Page - ATMEL Corporation ATTINY87 Datasheet HTML 10Page - ATMEL Corporation ATTINY87 Datasheet HTML 11Page - ATMEL Corporation ATTINY87 Datasheet HTML 12Page - ATMEL Corporation ATTINY87 Datasheet HTML 13Page - ATMEL Corporation ATTINY87 Datasheet HTML 14Page - ATMEL Corporation ATTINY87 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 282 page
background image
11
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 2-3.
The X-, Y-, and Z-registers
In the different addressing modes these address registers have functions as fixed displace-
ment, automatic increment, and automatic decrement (see the instruction set reference for
details).
2.5
Stack Pointer
The Stack is mainly used for storing temporary data, for storing local variables and for storing
return addresses after interrupts and subroutine calls. The Stack Pointer Register always
points to the top of the Stack. Note that the Stack is implemented as growing from higher
memory locations to lower memory locations. This implies that a Stack PUSH command
decreases the Stack Pointer.
The Stack Pointer points to the data SRAM Stack area where the Subroutine and Interrupt
Stacks are located. This Stack space in the data SRAM must be defined by the program
before any subroutine calls are executed or interrupts are enabled. The Stack Pointer must be
set to point above 0x60. The Stack Pointer is decremented by one when data is pushed onto
the Stack with the PUSH instruction, and it is decremented by two when the return address is
pushed onto the Stack with subroutine call or interrupt. The Stack Pointer is incremented by
one when data is popped from the Stack with the POP instruction, and it is incremented by two
when data is popped from the Stack with return from subroutine RET or return from interrupt
RETI.
The AVR Stack Pointer is implemented as two 8-bit registers in the I/O space. The number of
bits actually used is implementation dependent. Note that the data space in some implementa-
tions of the AVR architecture is so small that only SPL is needed. In this case, the SPH
Register will not be present
2.5.1
SPH and SPL – Stack Pointer Register
15
XH
XL
0
X-register
7
0
7
0
R27 (0x1B)
R26 (0x1A)
15
YH
YL
0
Y-register
7
0
7
0
R29 (0x1D)
R28 (0x1C)
15
ZH
ZL
0
Z-register
7
0
7
0
R31 (0x1F)
R30 (0x1E)
Bit
15
141312
1110
9
8
SP15
SP14
SP13
SP12
SP11
SP10
SP9
SP8
SPH
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
7
654
321
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
ISRAM end (See Table 3-1 on page 15)


Similar Part No. - ATTINY87

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny87 ATMEL-ATtiny87 Datasheet
270Kb / 10P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATTINY87 ATMEL-ATTINY87 Datasheet
5Mb / 292P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny87 ATMEL-ATtiny87 Datasheet
5Mb / 20P
   Atmel짰 AVR짰 32-bit microcontrollers
ATTINY87 ATMEL-ATTINY87 Datasheet
7Mb / 261P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System
ATtiny87-15MD ATMEL-ATtiny87-15MD Datasheet
270Kb / 10P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY87

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87-A15XZ ATMEL-ATTINY87-A15XZ Datasheet
5Mb / 283P
   Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY87 ATMEL-ATTINY87_10 Datasheet
5Mb / 292P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY167 ATMEL-ATTINY167 Datasheet
73Kb / 5P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller
ATMEGA8HVA ATMEL-ATMEGA8HVA Datasheet
332Kb / 22P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com