Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M64F8V-120 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M64F8V-120
Description  FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M64F8V-120 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF2M64F8V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M64F8V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HANBit
HMF2M64F8V
URL: www.hbe.co.kr
HANbit Electronics Co., Ltd.
REV.02(August.2002)
1
GENERAL DESCRIPTION
The HMF2M64F8V is a high-speed flash read only memory (FROM) module containing 8,388,608 words organized in an
x64bit configuration. The module consists of eight 1M x 16 FROM mounted on a 120-pin, SMM connector FR4-printed circuit
board.
Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state -machine, which controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the
device is similar to reading from 12.0V flash or EPROM devices.
Output enable (/OE) and write enable (/WE) can set the memory input and output. The host system can detect a program or
erase operation is complete by observing the Ready Pin, or reading the DQ7(Data # Polling) and DQ6(Toggle) status bits.
When FROM module is disable condition the module is becoming power standby mode, system designer can get low -power
design. All module components may be powered from a single + 3.0V DC power supply and all inputs and outputs are LVTTL-
compatible
FEATURES
w Access time : 70, 90 and 120ns
w High-density 16MByte design
w High-reliability, low-power design
w Single + 3V
± 0.3V power supply
w Easy memory expansion
w Hardware reset pin(RESET#)
w FR4-PCB design
w 120-Pin Designed by 60-Pin Fine Pitch Connector P1,P2
w Minimum 1,000,000 write cycle guarantee per sector
w 20-year data retention at 125 oC
w Flexible sector architecture
w Embedded algorithms
w Erase suspend / Erase resume
OPTIONS
MARKING
w Timing
70ns access
-70
90ns access
-90
120ns access
-120
w Packages
120-pin SMM
F
FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
Part No. HMF2M64F8V


Similar Part No. - HMF2M64F8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA-120 HANBIT-HMF2M64F8VA-120 Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA-70 HANBIT-HMF2M64F8VA-70 Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA-90 HANBIT-HMF2M64F8VA-90 Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
More results

Similar Description - HMF2M64F8V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M64F8VS HANBIT-HMF2M64F8VS Datasheet
297Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF2M64F8VA HANBIT-HMF2M64F8VA Datasheet
567Kb / 13P
   FLASH-ROM MODULE 16MByte (2M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4V HANBIT-HMF25664F4V Datasheet
579Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VP HANBIT-HMF25664F4VP Datasheet
426Kb / 12P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF25664F4VSP HANBIT-HMF25664F4VSP Datasheet
430Kb / 10P
   FLASH-ROM MODULE 2MByte (256K x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
HMF8M16F8VS HANBIT-HMF8M16F8VS Datasheet
417Kb / 12P
   FLASH-ROM MODULE 16MByte (8M x 16-Bit) , SMM 80Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com