Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32F2V-120 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32F2V-120
Description  Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32F2V-120 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMF2M32F2V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HANBit
HMF2M32F4VSA
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
1
GENERAL DESCRIPTION
The HMF2M32F4V is a high-speed flash read only memory (FROM) module containing 2,097,152 words organized in a
x32bit configuration. The module consists of four 1M x 16 FROM mounted on a 80-pin stackable type, double - sided, FR4-
printed circuit board.
Commands are written to the command register using standard microprocessor write timings.
Register contents serve as input to an internal state -machine, which controls the erase and programming circuitry. Write
cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the
device is similar to reading from 12.0V flash or EPROM devices.
Output enable (/OE) and write enable (/WE) can set the memory input and output. The host system can detect a program or
erase operation is complete by observing the Ready Pin, or reading the DQ7(Data # Polling) and DQ6(Toggle) status bits.
When FROM module is disable condition the module is becoming power standby mode, system designer can g et low-power
design. All module components may be powered from a single + 3.0V DC power supply and all inputs and outputs are LVTTL-
compatible.
FEATURES
PIN ASSIGNMENT
Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
Part No. HMF2M32F4VSA
P1
P2
PIN
Symbol
PIN
Symbol
PIN
Symbol
PIN
Symbol
1
VCC
21
VCC
1
VCC
21
VCC
2
CE0*
22
DQ16
2
DQ15
22
NC
3
NC
23
DQ24
3
DQ7
23
NC
4
NC
24
DQ17
4
DQ14
24
BYTE*
5
NC
25
DQ25
5
DQ6
25
OE*
6
RY_BY*
26
DQ18
6
DQ13
26
CE1*
7
VSS
27
VSS
7
VSS
27
VSS
8
RESET*
28
DQ26
8
DQ5
28
A13
9
WE*
29
DQ19
9
DQ12
29
A29
10
A10
30
DQ27
10
DQ4
30
A11
11
A21
31
DQ20
11
DQ11
31
A12
12
A20
32
DQ28
12
DQ3
32
A22
13
A19
33
DQ21
13
DQ10
33
A23
14
VSS
34
VSS
14
VSS
34
VSS
15
A18
35
DQ29
15
DQ2
35
A24
16
A17
36
DQ22
16
DQ9
36
A25
17
A16
37
DQ30
17
DQ1
37
A26
18
A15
38
DQ23
18
DQ8
38
A27
19
A14
39
DQ31
19
DQ0
39
A28
20
VCC
40
VCC
20
VCC
40
VCC
4 cf : Address & Data Bus is organized for LG Specification.
( A10 & DQ0 are MSB, A29 & DQ31 a re LSB)
w Part Identification
- HMF2M32F4VSA : Socket 5mm
w Access time: 70, 80, 90, 120ns
w High-density 8MByte design
w High-reliability, low-power design
w Single + 3.0V
± 0.5V power supply
w All in/outputs are LVTTL-compatible
w FR4-PCB design
w 80-pin Designed by
40-pin Fine Pitch Connector (x 2EA)
w Minimum 1,000,000 write/erase cycle
w Sector erases architecture
OPTIONS
MARKING
w Timing
70ns access
-70
80ns access
-80
90ns access
-90
120ns access
-120
w Packages
80-pin MMC
F


Similar Part No. - HMF2M32F2V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-120 HANBIT-HMF2M32F4V-120 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-70 HANBIT-HMF2M32F4V-70 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-80 HANBIT-HMF2M32F4V-80 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-90 HANBIT-HMF2M32F4V-90 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
More results

Similar Description - HMF2M32F2V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VC HANBIT-HMF1M32F2VC Datasheet
83Kb / 8P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com