Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32F2V-80 Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32F2V-80
Description  Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32F2V-80 Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  HMF2M32F2V-80 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32F2V-80 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HANBit
HMF2M32F4VSA
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
5
u Erase/Program Operations
PARAMETER SYMBOLS
Speed Options
JEDEC
STANDARD
DESCRIPTION
70R
80
90
120
UNIT
tAVAV
tWC
Write Cycle Time
Min
70
80
90
12
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
45
50
ns
tDVWH
tDS
Data Setup Time
Min
35
35
45
50
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
Min
0
ns
tELWL
tCS
/CE Setup Time
Min
0
ns
tWHEH
tCH
/CE Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
35
35
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
9
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note1)
Typ
0.7
sec
tVCS
Vcc set up time
Min
50
µs
Notes : 1 . This does not include the preprogramming time
2 . This timing is only for Sector Protect operations
5.0V
Device
Under
Test
2.7k
Diodes = IN3064
or Equivalent
6.2k
IN3064
or Equivalent
CL
Note : CL = 100pF including jig capacitance


Similar Part No. - HMF2M32F2V-80

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-120 HANBIT-HMF2M32F4V-120 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-70 HANBIT-HMF2M32F4V-70 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-80 HANBIT-HMF2M32F4V-80 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4V-90 HANBIT-HMF2M32F4V-90 Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
More results

Similar Description - HMF2M32F2V-80

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4V HANBIT-HMF2M32F4V Datasheet
177Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VC HANBIT-HMF1M32F2VC Datasheet
83Kb / 8P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com