Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32F4V-120 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32F4V-120
Description  Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32F4V-120 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMF2M32F4V-120 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32F4V-120 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HANBit
HMF2M32F4V
www.hbe.co.kr
HANBit Electronics Co., Ltd
REV.02(August,2002).
3
TRUTH TABLE
MODE
/OE
/CE
/WE
/RESET
DQ ( /BYTE=L )
POWER
STANDBY
X
H
X
Vcc
±0.3V
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
H
HIGH-Z
ACTIVE
READ
L
L
H
H
DOUT
ACTIVE
WRITE or ERASE
X
L
L
H
DIN
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to Vcc+0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55oC to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS ( 0oC
≤ TA ≤ 70 oC )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNIT
Input Load Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.0mA, Vcc = Vcc min
VOH
2.4
V
Output Low Voltage
IOL = 4.0mA, Vcc =Vcc min
VOL
0.45
V
5MHZ
18
32
Vcc Active Read Current (1)
/CE = VIL,
/OE = VIH,
1MHZ
ICC1
4
8
mA
Vcc Active Write Current (2)
/CE = VIL, /OE=VIH
ICC2
40
60
mA
Vcc Standby Current
/CE, /RESET=Vcc
±0.3V
ICC3
60
mA
Low Vcc Lock-Out Voltage
VLKO
2.3
2.5
V
Notes:
1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress
3. Maximum Icc current specifications are tested with Vcc=Vcc max


Similar Part No. - HMF2M32F4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA-120 HANBIT-HMF2M32F4VA-120 Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA-80 HANBIT-HMF2M32F4VA-80 Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA-90 HANBIT-HMF2M32F4VA-90 Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
More results

Similar Description - HMF2M32F4V-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF2M32F4VSB HANBIT-HMF2M32F4VSB Datasheet
287Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VA HANBIT-HMF2M32F4VA Datasheet
294Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-SMM, 3.3V Design
HMF2M32F4VSA HANBIT-HMF2M32F4VSA Datasheet
556Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 80Pin-MMC, 3.3V Design
HMF2M32M4VGL HANBIT-HMF2M32M4VGL Datasheet
426Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SIMM, 3.3V Design
HMF1M32F2VA HANBIT-HMF1M32F2VA Datasheet
426Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VB HANBIT-HMF1M32F2VB Datasheet
416Kb / 12P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF1M32F2VSA HANBIT-HMF1M32F2VSA Datasheet
283Kb / 11P
   Flash-ROM Module 4MByte (1Mx32Bit), 80Pin-SMM, 3.3V Design
HMF8M8F4VS HANBIT-HMF8M8F4VS Datasheet
157Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit) , SMM 80Pin
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com