Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6623 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6623
Description  LIN Bus Transceiver with Integrated Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6623_09 Datasheet HTML 4Page - ATMEL Corporation ATA6623_09 Datasheet HTML 5Page - ATMEL Corporation ATA6623_09 Datasheet HTML 6Page - ATMEL Corporation ATA6623_09 Datasheet HTML 7Page - ATMEL Corporation ATA6623_09 Datasheet HTML 8Page - ATMEL Corporation ATA6623_09 Datasheet HTML 9Page - ATMEL Corporation ATA6623_09 Datasheet HTML 10Page - ATMEL Corporation ATA6623_09 Datasheet HTML 11Page - ATMEL Corporation ATA6623_09 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
4957G–AUTO–09/09
ATA6623/ATA6625
4.3
Sleep Mode
A falling edge at EN while TXD is low switches the IC into Sleep Mode. The TXD Signal has to
be logic low during the Mode Select window (Figure 4-4 on page 8). To avoid influencing the
LIN-pin during the switch to sleep mode, it is possible to switch the EN up to 3.2 µs earlier to
LOW than the TXD. Even if the two falling edges at TXD and EN occur at the same time, the LIN
line will remain uninfluenced.
In Sleep Mode the transmission path is disabled. The supply current I
VSsleep from VBatt is typically
10 µA. The V
CC regulator is switched off, NRES and RXD are low. The internal slave termination
between pin LIN and pin VS is disabled, only a weak pull-up current (typically 10 µA) between
pin LIN and pin VS is present. Sleep Mode can be activated independently from the current level
on pin LIN.
A voltage less than the LIN Pre-wake detection V
LINL at pin LIN activates the internal LIN
receiver and switches on the internal slave termination between the LIN pin and the VS pin.
A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time
period (t
bus) and a following rising edge at pin LIN results in a remote wake-up request. The
device switches from Sleep Mode to Fail-safe Mode.
The V
CC regulator is activated, and the remote wake-up request is indicated by a low level at the
RXD pin to interrupt the microcontroller (Figure 4-5 on page 9).
EN high can be used to switch directly from Sleep to Fail-safe Mode. If EN is still high after VCC
ramp up and undervoltage reset time, the IC switches to Normal Mode.
Figure 4-4.
Switch to Sleep Mode
Delay time sleep mode
td_sleep = maximum 20 µs
LIN switches directly to recessive mode
td = 3.2 µs
LIN
VCC
NRES
TXD
EN
Sleep Mode
Normal Mode
Mode select window


Similar Part No. - ATA6623_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623-TAPY ATMEL-ATA6623-TAPY Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623-TAQY ATMEL-ATA6623-TAQY Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623C ATMEL-ATA6623C Datasheet
704Kb / 24P
   Linear Low-drop Voltage Regulator
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_10 Datasheet
704Kb / 24P
   Linear Low-drop Voltage Regulator
More results

Similar Description - ATA6623_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
   lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com