Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMF2M32B4VN-70 Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMF2M32B4VN-70
Description  FLASH-ROM MODULE 8MByte (2M x 32Bit), 144-Pin SODIMM, 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF2M32B4VN-70 Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF2M32B4VN-70 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF2M32B4VN-70 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HANBit
HMF2M32B4VN
,URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
TRUTH TABLE
MODE
/OE
/CE
/WE
DQ
POWER
STANDBY
X
Vcc
± 0.3
X
HIGH-Z
STANDBY
NOT SELECTED
H
L
H
HIGH-Z
ACTIVE
READ
L
L
H
Dout
ACTIVE
WRITE or ERASE
H
L
L
Din
ACTIVE
NOTE: X means don
’t care
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage with respect to ground all other pins
VIN,OUT
-0.5V to +0.5V
Voltage with respect to ground Vcc
VCC
-0.5V to +4.0V
Storage Temperature
TSTG
-65oC to +150oC
Operating Temperature
TA
-55Oc to +125oC
w Stresses greater than those listed under " Absolute Maximum Ratings" may cause per manent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated
in the operating section of this specification is not implied. Exposure to absolute maximum rat ing conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP.
MAX
Vcc for
±5% device Supply Voltages
VCC
3.0V
3.6V
Vcc for
± 10% device Supply Voltages
Vcc
2.7V
3.6V
Ground
VSS
0
0
0
DC AND OPERATING CHARACTERISTICS (0oC
≤ TA ≤ 70 oC ; Vcc = 5V ± 0.5V )
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
Vcc=Vcc max, VIN= GND to Vcc
IL1
±1.0
µA
Output Leakage Current
Vcc=Vcc max, VOUT= GND to Vcc
IL0
±1.0
µA
Output High Voltage
IOH = -2.5mA, Vcc = Vcc min
VOH
0.85*
VCC
V
Output Low Voltage
IOL = 12mA, Vcc =Vcc min
VOL
0.45
V
Vcc Active Current for Read(1)
/CE = VIL, /OE=VIH,
ICC1
36
64
mA
Vcc Active Current for Program
or Erase(2)
/CE = VIL, /OE=VIH
ICC2
80
120
mA
Vcc Standby Current
/CE= VIH
ICC3
0.8
20
mA
Low Vcc Lock-Out Voltage
VLKO
2.3
2.5
V
Notes: 1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH.
2. Icc active while embedded algorithm (program or erase) is in progress
3. Maximum Icc current specifications are tested with Vcc=Vcc max


Similar Part No. - HMF2M32B4VN-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMF2M32B4V ETC-HMF2M32B4V Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF2M32B4V HANBIT-HMF2M32B4V Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V-120 ETC-HMF2M32B4V-120 Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
Hanbit Electronics Co.,...
HMF2M32B4V-120 HANBIT-HMF2M32B4V-120 Datasheet
148Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
logo
List of Unclassifed Man...
HMF2M32B4V-70 ETC-HMF2M32B4V-70 Datasheet
144Kb / 12P
   Flash-ROM Module 8MByte (2Mx32Bit), 72Pin-SO-DIMM, 3.3V
More results

Similar Description - HMF2M32B4VN-70

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8VN HANBIT-HMF4M32B8VN Datasheet
430Kb / 13P
   FLASH-ROM MODULE 16MByte (4M x 32Bit), 144-Pin SODIMM, 3.3V
HMF2M32M8G HANBIT-HMF2M32M8G Datasheet
423Kb / 11P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM
HMF2M32M8A HANBIT-HMF2M32M8A Datasheet
298Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HMF2M32M4GL HANBIT-HMF2M32M4GL Datasheet
414Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 72pin-SIMM, 5V
HF08-CS2501 HANBIT-HF08-CS2501 Datasheet
446Kb / 12P
   FLASH-ROM MODULE 8MByte (2M x 32-Bit), 80pin-SIMM, 5V
HMF1M64F4V HANBIT-HMF1M64F4V Datasheet
294Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF4M16J4V HANBIT-HMF4M16J4V Datasheet
407Kb / 11P
   Flash-ROM Module 8MByte (4Mx16bit), 68-pin JLCC type, 3.3V Design
HMF1M64F4VA HANBIT-HMF1M64F4VA Datasheet
557Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF1M64F4VS HANBIT-HMF1M64F4VS Datasheet
288Kb / 13P
   FLASH-ROM MODULE 8MByte (1M x 64-Bit) ,120PIN SMM,3.3V
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com