Electronic Components Datasheet Search |
|
HMF1M32M4V Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd |
|
HMF1M32M4V Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd |
3 / 11 page HANBit HMF1M32M4V URL:www.hbe.co.kr 3 HANBit Electronics Co., Ltd. REV.02 (August,2002) TRUTH TABLE MODE /OE /CE /WE /RESET DQ ( /BYTE=L ) POWER STANDBY X H X Vcc ±0.3V HIGH-Z STANDBY NOT SELECTED H L H H HIGH-Z ACTIVE READ L L H H DOUT ACTIVE WRITE or ERASE X L L H DIN ACTIVE NOTE: X means don ’t care ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATING Voltage with respect to ground all other pins VIN,OUT -0.5V to Vcc+0.5V Voltage with respect to ground Vcc VCC -0.5V to +4.0V Power dissipation PD 4W Storage Temperature TSTG -65oC to +150oC Operating Temperature TA -55oC to +125oC w Stresses greater than those listed under " Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. RECOMMENDED DC OPERATING CONDITIONS PARAMETER SYMBOL MIN TYP. MAX Vcc for ± 10% device Supply Voltages Vcc 2.7V 3.6V Ground VSS 0 0 0 DC AND OPERATING CHARACTERISTICS ( 0oC ≤ TA ≤ 70 oC ) PARAMETER TEST CONDITIONS SYMB OL MIN MAX UNIT Input Load Current Vcc=Vcc max, VIN= VSS to Vcc IL1 ±1.0 µA Output Leakage Current Vcc=Vcc max, VOUT= VSS to Vcc IL0 ±1.0 µA Output High Voltage IOH = -2.0mA, Vcc = Vcc min VOH 0.85 x Vcc V Output Low Voltage IOL = 4.0mA, Vcc =Vcc min VOL 0.45 V 5MHZ 28(Tpy) 36 Vcc Active Read Current (1) /CE = VIL, /OE = VIH, 1MHZ ICC1 8(Tpy) 16 mA Vcc Active Write Current (2) /CE = VIL, /OE=VIH ICC2 60(Tpy) 120 mA Vcc Standby Current /CE, /RESET=Vcc ±0.3V ICC3 0.8(Tpy) 20.0 µA Low Vcc Lock-Out Voltage VLKO 2.3 2.5 V Notes: 1. The Icc current listed is typically less than 2mA/MHz, with /OE at VIH. |
Similar Part No. - HMF1M32M4V |
|
Similar Description - HMF1M32M4V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |