Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F21334ADFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F21334ADFP
Description  RENESAS MCU
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21334ADFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F21334ADFP Datasheet HTML 1Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 2Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F21334ADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
R8C/33A Group
1. Overview
REJ03B0228-0100 Rev.1.00
Sep 10, 2009
Page 4 of 53
1.2
Product List
Table 1.3 lists Product List for R8C/33A Group, and Figure 1.1 shows a Part Number, Memory Size, and Package
of R8C/33A Group.
(P): Under planning
Figure 1.1
Part Number, Memory Size, and Package of R8C/33A Group
Table 1.3
Product List for R8C/33A Group
Current of Sep. 2009
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program ROM
Data flash
R5F21331ANFP
4 Kbytes
1 Kbyte
× 4
512 bytes
PLQP0032GB-A N version
R5F21332ANFP
8 Kbytes
1 Kbyte
× 4
1 Kbyte
PLQP0032GB-A
R5F21334ANFP
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0032GB-A
R5F21335ANFP
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0032GB-A
R5F21336ANFP
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0032GB-A
R5F21331ADFP (P)
4 Kbytes
1 Kbyte
× 4
512 bytes
PLQP0032GB-A D version
R5F21332ADFP (P)
8 Kbytes
1 Kbyte
× 4
1 Kbyte
PLQP0032GB-A
R5F21334ADFP (P)
16 Kbytes
1 Kbyte
× 4
1.5 Kbytes
PLQP0032GB-A
R5F21335ADFP (P)
24 Kbytes
1 Kbyte
× 4
2 Kbytes
PLQP0032GB-A
R5F21336ADFP (P)
32 Kbytes
1 Kbyte
× 4
2.5 Kbytes
PLQP0032GB-A
Part No.
R 5 F 21 33 6 A N FP
Package type:
FP: PLQP0032GB-A (0.8 mm pin-pitch, 7 mm square body)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
1: 4 KB
2: 8 KB
4: 16 KB
5: 24 KB
6: 32 KB
R8C/33A Group
R8C/3x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21334ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334ADFP RENESAS-R5F21334ADFP Datasheet
6Mb / 617P
   MCU M16C FAMILY / R8C/Tiny SERIES
More results

Similar Description - R5F21334ADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com