Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62V8100I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HM62V8100I
Description  Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62V8100I Datasheet(HTML) 1 Page - Renesas Technology Corp

  HM62V8100I Datasheet HTML 1Page - Renesas Technology Corp HM62V8100I Datasheet HTML 2Page - Renesas Technology Corp HM62V8100I Datasheet HTML 3Page - Renesas Technology Corp HM62V8100I Datasheet HTML 4Page - Renesas Technology Corp HM62V8100I Datasheet HTML 5Page - Renesas Technology Corp HM62V8100I Datasheet HTML 6Page - Renesas Technology Corp HM62V8100I Datasheet HTML 7Page - Renesas Technology Corp HM62V8100I Datasheet HTML 8Page - Renesas Technology Corp HM62V8100I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev.2.00, Nov.02.2009, page 1 of
15
HM62V8100I Series
Wide Temperature Range Version
8 M SRAM (1024-kword
× 8-bit)
ADE-203-1278B (Z)
Rev.2.00
Nov.02.2009
Description
The HM62V8100I Series is 8-Mbit static RAM organized 1,048,576-word
× 8-bit. HM62V8100I Series has realized
higher density, higher performance and low power consumption by employing Hi-CMOS process technology. It offers
low power standby power dissipation; therefore, it is suitable for battery backup systems. It is packaged package with
0.75 mm bump pitch or standard 44-pin TSOP II for high density surface mounting.
Features
Single 3.0 V supply: 2.7 V to 3.6 V
Fast access time: 55 ns (Max)
Power dissipation:
 Active: 6.0 mW/MHz (Typ)
 Standby: 1.5 µW (Typ)
Completely static memory.
 No clock or timing strobe required
Equal access and cycle times
Common data input and output.
 Three state output
Battery backup operation.
 2 chip selection for battery backup
Temperature range: –40 to +85
°C


Similar Part No. - HM62V8100I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
More results

Similar Description - HM62V8100I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM62V8100L RENESAS-HM62V8100L Datasheet
110Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
logo
Hitachi Semiconductor
HM6264BI HITACHI-HM6264BI Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
   Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com