Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOC211PTR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LOC211PTR
Description  Linear Optocouplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC211PTR Datasheet(HTML) 3 Page - Clare, Inc.

  LOC211PTR Datasheet HTML 1Page - Clare, Inc. LOC211PTR Datasheet HTML 2Page - Clare, Inc. LOC211PTR Datasheet HTML 3Page - Clare, Inc. LOC211PTR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LOC211P
www.clare.com
3
Rev. 4.4
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LOC211
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
35
30
25
20
15
10
5
0
1.1
1.2
1.3
1.4
LOC211
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
100
10
1
0.1
1.1
1.2
1.3
1.4
LOC211
Servo Gain vs.
LED Current & Temperature
LED Current (mA)
0
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
24
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC211
Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
140
120
100
80
60
40
20
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC211
Normalized Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC211
Typical LED Forward Voltage Drop vs.
Temperature
Temperature (
°C)
-40
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
-15
10
35
60
85
10mA
20mA
5mA


Similar Part No. - LOC211PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC211PTR CLARE-LOC211PTR Datasheet
74Kb / 5P
   Linear Optocouplers
logo
IXYS Corporation
LOC211PTR IXYS-LOC211PTR Datasheet
112Kb / 5P
   Couples Analog and Digital Signals
More results

Similar Description - LOC211PTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC211 CLARE-LOC211 Datasheet
74Kb / 5P
   Linear Optocouplers
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
   Linear Optocouplers
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
   Linear Optocouplers
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
   Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
   Linear Optocouplers
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
   Dual Linear Optocouplers
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
   Optocouplers
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
   OPTOCOUPLERS
logo
Texas Instruments
TIL124 TI-TIL124 Datasheet
632Kb / 8P
[Old version datasheet]   OPTOCOUPLERS
TIL127 TI-TIL127 Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com