Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-03A0601VXC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 5962-03A0601VXC
Description  CAN Controller for Space Application
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-03A0601VXC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 5962-03A0601VXC Datasheet HTML 2Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 3Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 4Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 5Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 6Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 7Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 8Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 9Page - ATMEL Corporation 5962-03A0601VXC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
AT7908E
4268D–AERO–11/09
Functional
Description
The AT7908E is an integrated device that performs serial communications according to
the CAN protocol. The CAN protocol uses a multi-master bus configuration to transfer
data packets between nodes on a network. It supports both, standard and extended,
message frame formats as CAN Specification 2.0B. It can transmit and receive with 29
identifier bits and it can filter the first eleven bits of the receiving message (the filtering
function is performed only on eleven bits).
The AT7908E has one transmit buffer and three receiving buffers. The filtering function
is individual for every RX message buffer. Every RX message buffer is formed by an
identifier (29 bits long), by the data and by the status register that store the status of the
receiver buffer. The identifier permits to filter the receiving message together with the
global mask that implements the don’t care condition. A message is accepted and
stored in the RX message buffer only if the identifier of the incoming message (first
eleven bits) matches the identifier in the RX message buffer. If the receiving message
matches more than one identifier, the message is stored in the lowest numbered mes-
sage buffer.
The AT7908E implements a global acceptance-masking feature for the message
filtering.
The AT7908E was developed to have a programmable general-purpose MCU interface.
The MCU interface permits to program the internal register of the AT7908E and to read
out the status of the controller and the received messages. The schematic representa-
tion of the AT7908E is shown in Fig. 1.
Figure 1. Block Schematic of AT7908E
To transmit a CAN message, the MCU must write in the interface internal registers the
data and the configuration signals. The message bus (0 to 101) goes to can_tx that
generates the output signal to the transceiver can_tx and the signals for crc_calculator
and for error_counters.
The crc_calculator block calculates the CRC on the received message and, if the CAN
is in Transmission State, sends the CRC to can_tx. If the CAN is receiving the mes-
sage, the CRC is sent to can_rx (CRC<0:14>) that checks if the calculated CRC
matches the received CRC.
CAN
Transmitter
can_tx
CRC
Calculator
crc_calculator
CAN
Receiver
can_rx
Error
Counters
error counters
Synchronizer
Stuff
Handler
Error_frame_gen
Mode sena test
MCU
INTERFACE
CS
WR
RD
ALE
addr<7:0>
data_add<7:0>
XTALIN
reset
xtalout
int
cantx canrx hatrig hasync


Similar Part No. - 5962-03A0601VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-03A06QXC ATMEL-5962-03A06QXC Datasheet
77Kb / 7P
   CAN Controller for Space Application
5962-03A06VXC ATMEL-5962-03A06VXC Datasheet
77Kb / 7P
   CAN Controller for Space Application
More results

Similar Description - 5962-03A0601VXC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
   CAN Controller for Space Application
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
   For space saving application
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Microsemi Corporation
LX7730 MICROSEMI-LX7730 Datasheet
3Mb / 54P
   64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
logo
California Eastern Labs
GET-30698 CEL-GET-30698 Datasheet
1Mb / 39P
   Specification Control Drawing Grade L Devices For Space Application
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5_13 Datasheet
312Kb / 3P
   3.3V~12Volts ESD Protection Devices For space saving application
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
Advanced XTAL Products
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
   Low Phase Noise OCXO for Space Application (COTS version)
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
   Surface Mount Fuse for Space Application, ESCC QPL Listed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com