Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US8032DCG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # US8032DCG
Description  LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US8032DCG Datasheet(HTML) 4 Page - Integrated Device Technology

  US8032DCG Datasheet HTML 1Page - Integrated Device Technology US8032DCG Datasheet HTML 2Page - Integrated Device Technology US8032DCG Datasheet HTML 3Page - Integrated Device Technology US8032DCG Datasheet HTML 4Page - Integrated Device Technology US8032DCG Datasheet HTML 5Page - Integrated Device Technology US8032DCG Datasheet HTML 6Page - Integrated Device Technology US8032DCG Datasheet HTML 7Page - Integrated Device Technology US8032DCG Datasheet HTML 8Page - Integrated Device Technology US8032DCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IDTUS8032
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
4
IDTUS8032
REV F 080907
DC Electrical Characteristics
Unless stated otherwise, typical values are at 25°C
Notes:
1. Measured by the voltage drop between Dn, HSD, Dn pins at the indicated current through the switch. On Resistance is
determined by the lower of the voltage on the two ports.
2. Guaranteed by design.
AC Electrical Characteristics
Unless stated otherwise, typical values are for VCC = 3.3 V at 25°C
Note 1: Guaranteed by design.
Symbol
Parameter
Conditions
VCC (V)
TA = -40°C to +85°C
Units
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = -18 mA
3.0
0
-1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
3.6
1.7
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
3.6
0.7
IIN
Control Input Leakage
VIN = 0V to VCC
3.6
-1.0
1.0
µA
IOZ
OFF State Leakage
0 < HSD < VCC
3.6
-2.0
2.0
µA
IOFF
Power OFF Leakage
Current (D+, D-)
VIN = 0V to 3.6 V
VCC = 0V
0-2.0
2.0
µA
RON
Switch On Resistance 1
VIN = 0.4 V, ION = -8 mA
3.0
3.5
10.0
RON
Delta RON
2
VIN = 0.4 V, ION = -8 mA
3.0
0.35
RON Flatness
RON Flatness
1
VIN = 0V to 1.0 V, ION = -8 mA
3.0
2.0
ICC
Quiescent Supply Current
VIN = 0V or VCC, IOUT = 0
3.3
300
µA
ICCT
Increase in ICC Current per
Control voltage and
VCC levels
VIN = 2.6 V, VCC = 3.6 V
3.6
1
3
mA
Symbol
Parameter
Conditions
VCC (V)
TA = -40°C to +85°C
Units
Min.
Typ.
Max.
tON
Turn ON Time, OE to output
VIN = 0.8 V, RL = 50Ω, CL = 5 pF
3.0 to 3.6
15.0
30.0
ns
tOFF
Turn OFF Time, OE to output VIN = 0.8 V, RL = 50Ω, CL = 5 pF
3.0 to 3.6
12.0
30.0
ns
tPD
Propagation Delay 1
RL = 50Ω, CL = 5 pF
3.3
0.25
ns
OIRR
OFF Isolation (non-adjacent)
RT = 50Ω, f = 240 MHz
3.0 to 3.6
-35.0
dB
Xtalk
Non-adjacent Channel
Crosstalk
RT = 50Ω, f = 240 MHz
3.0 to 3.6
-55.0
dB
BW
-3dB Bandwidth
RT = 50Ω, CL = 0 pF
3.0 to 3.6
500
MHz
RT = 50Ω, CL = 5 pF
450


Similar Part No. - US8032DCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI IDT-US8030NDGI Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI RENESAS-US8030NDGI Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI8 IDT-US8030NDGI8 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI8 RENESAS-US8030NDGI8 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results

Similar Description - US8032DCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com