Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US8031DVGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # US8031DVGI
Description  LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

US8031DVGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button US8031DVGI Datasheet HTML 4Page - Integrated Device Technology US8031DVGI Datasheet HTML 5Page - Integrated Device Technology US8031DVGI Datasheet HTML 6Page - Integrated Device Technology US8031DVGI Datasheet HTML 7Page - Integrated Device Technology US8031DVGI Datasheet HTML 8Page - Integrated Device Technology US8031DVGI Datasheet HTML 9Page - Integrated Device Technology US8031DVGI Datasheet HTML 10Page - Integrated Device Technology US8031DVGI Datasheet HTML 11Page - Integrated Device Technology US8031DVGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IDTUS8031
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
USB SWITCH
IDT™ LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
8
IDTUS8031
REV F 030209
OFF Leakage
AC Test Circuit Load
IDTUS8031
IDTUS8031


Similar Part No. - US8031DVGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI IDT-US8030NDGI Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI RENESAS-US8030NDGI Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
US8030NDGI8 IDT-US8030NDGI8 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030NDGI8 RENESAS-US8030NDGI8 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results

Similar Description - US8031DVGI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com