Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA3000-D01PWB Datasheet(PDF) 8 Page - VTI technologies

Part # CMA3000-D01PWB
Description  3-axis accelerometer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000-D01PWB Datasheet(HTML) 8 Page - VTI technologies

Back Button CMA3000-D01PWB Datasheet HTML 4Page - VTI technologies CMA3000-D01PWB Datasheet HTML 5Page - VTI technologies CMA3000-D01PWB Datasheet HTML 6Page - VTI technologies CMA3000-D01PWB Datasheet HTML 7Page - VTI technologies CMA3000-D01PWB Datasheet HTML 8Page - VTI technologies CMA3000-D01PWB Datasheet HTML 9Page - VTI technologies CMA3000-D01PWB Datasheet HTML 10Page - VTI technologies CMA3000-D01PWB Datasheet HTML 11Page - VTI technologies CMA3000-D01PWB Datasheet HTML 12Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CMA3000-D0X Series
VTI Technologies Oy
8/ 35
www.vti.fi
Doc.Nr. 8281000.12
Rev. 0.12
2
Reset and power up, Operation Modes, HW functions and Clock
2.1
Reset and power up
The CMA3000 has internal power-on reset circuit. It releases the internal reset-signal once the
power supplies will be within the specified range.
After releasing the internal reset, the CMA3000 will read configuration and calibration data from the
non-volatile memory to volatile registers. Then the CMA3000 will make parity check to the read
memory content. The STATUS register's PERR-bit="0" shows successful memory read operation.
Device can be externally reset by writing the sequence 02h, 0Ah, 04h into the RSTR-register.
2.2
Power Down mode
The CMA3000-D0X enters the power down mode by default after power-on reset and initialization
of the volatile registers. PD can also be set by writing MODE[2:0] = 000b (or MODE[2:0] = 111b) to
CTRL register.
Output registers will keep their content in the power down mode.
2.3
Measurement Mode
2.3.1
Description
The CMA3000-D0X is set to a measurement mode by writing MODE[2:0] = 0XXb to CTRL register.
Data will be reliable in the output registers after the product specific turn-on time.
Default sample rate is 400 Hz (MODE[2:0] = 010b). Other data rates are 100 Hz (MODE[2:0] =
001b) and 40 Hz (MODE[2:0] = 011b).
Table 2. CMA3000-D0X measurement ranges and output sample rates
Measurement range
Output sample rates
2 g
400 Hz, 100 Hz
8 g
400 Hz, 100 Hz, 40 Hz
INT-pin gives an interrupt by default when new data is available.
2.3.2
Usage
Acceleration data can be read from data output registers DOUTX, DOUTY and DOUTZ. See
section 2.6 for INT-pin configuration details.
2.4
Motion Detection Mode
2.4.1
Description
In MD mode the device works at 10 Hz sample rate and the fixed measurement range is 8 g. Signal
is band pass filtered and fed to threshold level programmable digital comparator and a configurable
trigger function. Filtered signal is also available at output registers.
The device can be configured to switch automatically into the measurement mode with highest
sampling rate (400Hz) after motion is detected. The measurement range used will be defined by
G_RANGE bit.
Nominal BPF's -3 dB high-pass frequency is 1.3 Hz and -3 dB low-pass frequency is 3.8 Hz. See
Figure 3 below.


Similar Part No. - CMA3000-D01PWB

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
logo
Texas Instruments
CMA3000-D01 TI1-CMA3000-D01 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
VTI technologies
CMA3000-D01DEMO VTI-CMA3000-D01DEMO Datasheet
437Kb / 17P
   3-axis accelerometer
More results

Similar Description - CMA3000-D01PWB

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
   3-Axis Accelerometer
APS-045-0020 v2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
   3-Axis Accelerometer
APS-048-0044 v1.9
logo
VTI technologies
CMA3000-A0X VTI-CMA3000-A0X Datasheet
437Kb / 17P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3419 MEMSIC-MC3419 Datasheet
1Mb / 80P
   3-Axis Accelerometer
APS-048-0071v1.2.1
MC3672 MEMSIC-MC3672 Datasheet
1Mb / 83P
   3-Axis Accelerometer
APS-045-0018 v1.4
MC3630 MEMSIC-MC3630 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0047 v1.8
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
   3-axis accelerometer
CMA3000 VTI-CMA3000 Datasheet
1Mb / 18P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3632 MEMSIC-MC3632 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0056 v1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com