Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA3000-D01DEMO Datasheet(PDF) 11 Page - VTI technologies

Part # CMA3000-D01DEMO
Description  3-axis accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000-D01DEMO Datasheet(HTML) 11 Page - VTI technologies

Back Button CMA3000-D01DEMO Datasheet HTML 7Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 8Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 9Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 10Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 11Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 12Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 13Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 14Page - VTI technologies CMA3000-D01DEMO Datasheet HTML 15Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CMA3000-A0X Series
VTI Technologies Oy
PRELIMINARY - Subject to changes
11/ 17
www.vti.fi
Doc.Nr. 8282100.05
Rev.05
Sensitivity is calculated by
Equation 3
g
Output
Output
Sens
g
axis
Y
g
axis
Y
axis
Y
2
1
@
1
@
+
=
,
where SensY-axis is sensor’s Y-axis sensitivity in [counts/g], OutputY-axis@+1g sensor’s Y-axis output
reading [counts] in +1 g position and OutputY-axis@-1g is sensor’s Y-axis output reading [counts] in -1 g
position.
Pin #1
Z
Pin #1
X
Y-axis in -1 g
position
Y-axis in +1 g
position
X
Z
Earth’s
gravitation
Figure 9. CMA3000 positions for Y-axis sensitivity measurement.
5.2.1
Sensitivity calibration error
Sensitivity calibration error is the difference between sensor’s measured sensitivity and the nominal
sensitivity at room temperature conditions. Error is calculated by
Equation 4
%
100
=
Sens
Sens
Sens
Sens
axis
Y
r
axisCalibE
Y
,
where SensY-axisCalibEr is sensor’s Y-axis sensitivity calibration error in [%], SensY-axis sensor’s Y-axis
sensitivity [counts/g] at room temperature conditions and Sens is sensor’s nominal sensitivity
[counts/g].
5.2.2
Sensitivity temperature error
Sensitivity temperature error is the difference between sensor’s sensitivity at different temperatures
and the calibrated sensitivity. Error is calculated by
Equation 5
%
100
@
@
@
@
=
RT
axis
Y
RT
axis
Y
T
axis
Y
T
axisTempEr
Y
Sens
Sens
Sens
Sens
,
where SensY-axisTempEr@T is sensor’s Y-axis sensitivity temperature error in [%] in temperature T, SensY-
axis@T is sensor’s measured Y-axis sensitivity [counts/g] at temperature T and SensY-axis@RT is sensor’s
measured Y-axis sensitivity [counts/g] at room temperature RT.
5.3
Linearity
The needed accurate input acceleration in linearity characterization is generated using centrifugal
force in centrifuge, see Figure 10. The RPM of the centrifuge is sweeped so that wanted input
acceleration values are applied in parallel to the sensor’s measuring axis.


Similar Part No. - CMA3000-D01DEMO

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-D01DEMO VTI-CMA3000-D01DEMO Datasheet
681Kb / 35P
   3-axis accelerometer
More results

Similar Description - CMA3000-D01DEMO

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-D0X VTI-CMA3000-D0X Datasheet
681Kb / 35P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3479 MEMSIC-MC3479 Datasheet
1Mb / 82P
   3-Axis Accelerometer
APS-048-0072v1.2.1
MC3416 MEMSIC-MC3416 Datasheet
1Mb / 54P
   3-Axis Accelerometer
APS-045-0020 v2.1
MC3635 MEMSIC-MC3635 Datasheet
1Mb / 85P
   3-Axis Accelerometer
APS-048-0044 v1.9
MC3419 MEMSIC-MC3419 Datasheet
1Mb / 80P
   3-Axis Accelerometer
APS-048-0071v1.2.1
MC3672 MEMSIC-MC3672 Datasheet
1Mb / 83P
   3-Axis Accelerometer
APS-045-0018 v1.4
MC3630 MEMSIC-MC3630 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0047 v1.8
logo
VTI technologies
SCA3000 VTI-SCA3000 Datasheet
498Kb / 15P
   3-axis accelerometer
CMA3000 VTI-CMA3000 Datasheet
1Mb / 18P
   3-axis accelerometer
logo
MEMSIC Semiconductor (T...
MC3632 MEMSIC-MC3632 Datasheet
1Mb / 84P
   3-Axis Accelerometer
APS-048-0056 v1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com