Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTHS421V16NLGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDTHS421V16NLGI
Description  LOW POWER, DUAL SIM CARD HYBRID SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTHS421V16NLGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDTHS421V16NLGI Datasheet HTML 2Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 3Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 4Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 5Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 6Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 7Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 8Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 9Page - Integrated Device Technology IDTHS421V16NLGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IDTHS421V16
LOW POWER, DUAL SIM CARD HYBRID SWITCH
HYBRID SWITCH
IDT™ LOW POWER, DUAL SIM CARD HYBRID SWITCH
6
IDTHS421V16 REV B 012908
Test Diagrams
Figure 1: On Resistance
Figure 2: Off Leakage
Figure 3: AC Test Circuit Load
Figure 4: Turn-On/Turn-Off Waveforms
Figure 5: Propagation Delay
VSEL = 0 or VCC
VSW
GND
nVSIM, nRST,
nCLK, or nDAT
VOUT, RST,
CLK, or DAT
ION
RON = VON / ION
VON
VSEL = 0 or VCC
VSW
GND
NC
InA(OFF)
A
VSW
GND
nVSIM, nRST,
nCLK, or nDAT
VSIM, RST,
CLK, or DAT
VOUT
RL and CL are functions of the application
environment (see tables for specific values).
CL includes test fixture and stray capacitance.
RL
Sel
CL
GND
Input - VSEL
GND
Output - VOUT
VCC
VOL
90%
90%
VOH
tOFF
90%
tRISE = 2.5 ns
90%
10%
10%
tFALL = 2.5 ns
tON
VCC /2
VCC /2
Input - VSW
GND
Output - VOUT
VCC
VOL
50%
90%
VOH
90%
tRISE = 2.5 ns
50%
10%
10%
tFALL = 2.5 ns
tpLH
VCC /2
VCC /2
tpHL


Similar Part No. - IDTHS421V16NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTHS221P10 IDT-IDTHS221P10 Datasheet
223Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
IDTHS231P16 IDT-IDTHS231P16 Datasheet
204Kb / 10P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
logo
Renesas Technology Corp
IDTHS231P16 RENESAS-IDTHS231P16 Datasheet
365Kb / 11P
   HYBRID SWITCH WITH NEGATIVE SIGNAL HANDLING
2019
More results

Similar Description - IDTHS421V16NLGI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2567 ONSEMI-FSA2567 Datasheet
291Kb / 12P
   Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
FSA2567_0711 FAIRCHILD-FSA2567_0711 Datasheet
378Kb / 2P
   Low-Power, Dual SIM Card Analog Switch
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
ON Semiconductor
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
   Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
FCI connector
7111S1615A01 FCI-CONNECTOR-7111S1615A01 Datasheet
87Kb / 1P
   SIM CARD CONNECTOR with switch
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com