Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA3000-D01 Datasheet(PDF) 2 Page - VTI technologies

Part # CMA3000-D01
Description  3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000-D01 Datasheet(HTML) 2 Page - VTI technologies

  CMA3000-D01 Datasheet HTML 1Page - VTI technologies CMA3000-D01 Datasheet HTML 2Page - VTI technologies CMA3000-D01 Datasheet HTML 3Page - VTI technologies CMA3000-D01 Datasheet HTML 4Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMA3000-D01
VTI Technologies Oy
PRELIMINARY - Subject to changes
2/4
www.vti.fi
Doc. Nr. 8277800.14
Rev. 14
Performance Characteristics
1)
Typical supply range
1.7 – 2.7 V
Extended supply range
2.7 – 3.6 V
Units
Parameter
Condition
Min
Typ
2)
Max
Min
Typ
2)
Max
Vdd
1.7
2.5
2.7
-
3.3
-
V
Digital I/O Vdd
Vdd ≥ Digital I/O Vdd
1.7
1.8 / 2.5
2.7
-
3.3
-
V
Operating temperature **
-40
-
85
-40
-
85
°C
Current consumption *
ODR=400 Hz
ODR=100 Hz
ODR=40 Hz
ODR=10 Hz
Power down
-
-
-
-
-
70
50
11
7
4
90
-
-
-
9
-
-
-
-
-
70
50
14
9
3
-
-
-
-
-
µA
Acceleration range *
G_RANGE bit 0
G_RANGE bit 1
-8
-2
-
-
8
2
-
-
±8
±2
-
G
Offset calibration error *
3)
G_RANGE bit 1
-100
±25
+100
-
±100
-
mg
Offset temperature error **
4)
-40 ... +85 °C
X and Z axis
Y axis
±1
±2.5
-
-
±1
±2.5
-
-
mg/°C
Sensitivity *
5)
Full scale = 2 g
Full scale = 8 g
-
-
56
14
-
-
-
-
56
14
-
-
Count/g
Sensitivity calibration error *
-10
-
+10
-
±10
-
%
Sensitivity temperature error
**
6)
-40 ... +85 °C
-
±0.02
-
±0.02
-
%/°C
Non-Linearity **
7)
-
1.5
3
-
1.5
-
% FS
Cross-Axis sensitivity **
8)
G_RANGE bit 1
-
1
-
-
1
-
%
Output Data Rate, ODR **
MODE bits x10
MODE bits x01
MODE bits 011
MODE bits 100
400
100
40
10
-
400
100
40
10
-
Hz
Bandwidth**
9)
ODR/5
ODR/5
-
Hz
Noise **
10)
Full scale=2 g,
ODR=100 Hz
Full scale=8 g,
ODR=400 Hz
-
-
13
25
-
-
13
25
-
-
mg
RMS
Turn on time **
11)
ODR=400 Hz
ODR≤100 Hz
-
-
0.01
2.5/ODR
-
-
0.01
2.5/ODR
-
-
s
I
2C clock rate **
-
-
400
-
-
400
kHz
SPI clock rate **
500
500
kHz
*
100% tested in production
**
Qualified during product validation
1)
The product is factory calibrated at 2.5 V in room temperature.
2)
Typical values are not guaranteed.
3)
Z-axis +1g position. Soldering process can cause offset shift which is typically less than 150 mg. Please see
TN68_CMA3000_Assembly_Instructions for further details.
4)
Offset temperature error = {Count(0g)-Offset} / Sensitivity [ g ]. Sensitivity = Calibrated sensitivity.
Offset= Calibrated offset.
5)
Sensitivity = {Count(+1g) - Count(-1g)}/2 [Count/g].
6)
Sensitivity temperature error = {[Count(+1g)-Count(-1g)]/2 - Sensitivity} / Sensitivity x 100% [%].
Sensitivity = Calibrated sensitivity.
7)
Best fit straight line.
8)
The cross-axis sensitivity determines how much acceleration, perpendicular to the measuring axis,
couples to the output. The total cross-axis sensitivity is the geometric sum of the sensitivities of
the two axes which are perpendicular to the measuring axis. The angular alignment error
between X, Y and Z axis is included into the cross axis sensitivity.
9)
Frequency responses with 1
st order roll off according to Figure 3.
10)
Average noise/axis over the measurement bandwidth defined as
)
2
2
2
(
3
1
z
n
y
n
x
n
+
+
, where nx, ny and nz are
the measured signal's standard deviation due to noise in x, y and z directions.
11)
Settling error less than 1% of FS.


Similar Part No. - CMA3000-D01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CMA3000-D01 TI1-CMA3000-D01 Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
logo
VTI technologies
CMA3000-D01-1 VTI-CMA3000-D01-1 Datasheet
681Kb / 35P
   3-axis accelerometer
CMA3000-D01-10 VTI-CMA3000-D01-10 Datasheet
681Kb / 35P
   3-axis accelerometer
CMA3000-D01-30 VTI-CMA3000-D01-30 Datasheet
681Kb / 35P
   3-axis accelerometer
CMA3000-D01DEMO VTI-CMA3000-D01DEMO Datasheet
437Kb / 17P
   3-axis accelerometer
More results

Similar Description - CMA3000-D01

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E05 VTI-SCA3000-E05 Datasheet
193Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E04 VTI-SCA3000-E04 Datasheet
226Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-E02 VTI-SCA3000-E02 Datasheet
207Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3000-D02 VTI-SCA3000-D02 Datasheet
211Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2100-D01 VTI-SCA2100-D01 Datasheet
106Kb / 3P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com