Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC12816C-SU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT88SC12816C-SU
Description  CryptoMemory 128 Kbit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC12816C-SU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT88SC12816C-SU Datasheet HTML 1Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 2Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 3Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 4Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 5Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 6Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 7Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 8Page - ATMEL Corporation AT88SC12816C-SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
• One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
• 128-Kbit (16-Kbyte) EEPROM User Memory
⎯ Sixteen 1-Kbyte (8-Kbit) Zones
⎯ Self-timed Write Cycle
⎯ Single Byte or 128-byte Page Write Mode
⎯ Programmable Access Rights for Each Zone
• 2-Kbit Configuration Zone
⎯ 37-byte OTP Area for User-defined Codes
⎯ 160-byte Area for User-defined Keys and Passwords
• High Security Features
⎯ 64-bit Mutual Authentication Protocol (Under License of ELVA)
⎯ Encrypted Checksum
⎯ Stream Encryption
⎯ Four Key Sets for Authentication and Encryption
⎯ Eight Sets of Two 24-bit Passwords
⎯ Anti-tearing Function
⎯ Voltage and Frequency Monitor
• Smart Card Features
⎯ ISO 7816 Class A (5V) or Class B (3V) Operation
⎯ ISO 7816-3 Asynchronous T = 0 Protocol (Gemplus® Patent) *
⎯ Supports Protocol and Parameters Selection for Faster Operation
⎯ Multiple Zones, Key Sets and Passwords for Multi-application Use
⎯ Synchronous 2-wire Serial Interface for Faster Device Initialization *
⎯ Programmable 8-byte Answer-to-reset Register
⎯ ISO 7816-2 Compliant Modules
• Embedded Application Features
⎯ Low Voltage Operation: 2.7V to 5.5V
⎯ Secure Nonvolatile Storage for Sensitive System or User Information
⎯ 2-wire Serial Interface
⎯ 1.0 MHz Compatibility for Fast Operation
⎯ Standard 8-lead Plastic Packages, Green Compliant (exceeds RoHS)
⎯ Same Pinout as 2-wire Serial EEPROMs
• High Reliability
⎯ Endurance: 100,000 Cycles
⎯ Data Retention: 10 years
⎯ ESD Protection: 4,000V min
* Note:
Modules available with either T=0 / 2-wire modes or 2-wire mode only.
CryptoMemory
128 Kbit
AT88SC12816C
Summary
5016KS–SMEM–08/09


Similar Part No. - AT88SC12816C-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C-SU ATMEL-AT88SC12816C-SU Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results

Similar Description - AT88SC12816C-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_09 Datasheet
194Kb / 20P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com