Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1616C_JYP Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT88SC1616C_JYP
Description  CryptoMemory 16 Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C_JYP Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT88SC1616C_JYP Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 9Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 10Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 11Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 12Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 13Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 14Page - ATMEL Corporation AT88SC1616C_JYP Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AT88SC1616C
11
2030KS–SMIC–10/09
11.2.
Synchronous 2-wire Serial Interface
The synchronous mode is the default after powering up VCC due to an internal pull-up on RST. For embedded
applications using CryptoMemory in standard plastic packages, this is the only communication protocol.
• Power-up VCC, RST goes high also.
• After stable VCC, CLK-SCL and I/O-SDA may be driven.
Figure 11.
Synchronous 2-wire Protocol
Vcc
I/O-SDA
RST
CLK-SCL
1
2
3
45
Note
:
Five clock pulses must be sent before the first command is issued.
12.
Communication Security Modes
Communications between the device and host operate in three basic modes. Standard mode is the default mode for
the device after power-up. Authentication mode is activated by a successful authentication sequence. Encryption mode
is activated by a successful encryption activation following a successful authentication.
Table 4.
Communication Security Modes
(1)
Mode
Configuration Data
User Data
Passwords
Data Integrity Check
Standard
clear
clear
clear
MDC
Authentication
clear
clear
encrypted
MAC
Encryption
clear
encrypted
encrypted
MAC
Note
:
1. Configuration data include viewable areas of the Configuration Zone except the passwords:
MDC: Modification Detection Code
MAC: Message Authentication Code.


Similar Part No. - AT88SC1616C_JYP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
AT88SC1616C-MJTG ATMEL-AT88SC1616C-MJTG Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
AT88SC1616C-MP ATMEL-AT88SC1616C-MP Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-MP ATMEL-AT88SC1616C-MP Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
More results

Similar Description - AT88SC1616C_JYP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C_07 Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C ATMEL-AT88SC1616C_14 Datasheet
424Kb / 21P
   Atmel CryptoMemory, 16-Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com