Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1616C-PU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC1616C-PU
Description  CryptoMemory 16 Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C-PU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC1616C-PU Datasheet HTML 1Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 2Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 3Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 4Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 5Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 6Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C-PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AT88SC1616C
2030KS–SMIC–10/09
Table 1.
Pin Assignment
Pad
Description
ISO Module
TWI Module
Standard
Package Pin
VCC
Supply Voltage
C1
C1
8
GND
Ground
C5
C5
4
SCL/CLK
Serial Clock Input
C3
C3
6
SDA/IO
Serial Data Input/Output
C7
C7
5
RST
Reset Input
C2
NC
NC
Figure 1.
Pin Configuration
VCC=C1
RST=C2
SCL/CLK=C3
NC=C4
ISO Smart Card Module
C5=GND
C6=NC
C7=SDA/IO
C8=NC
NC
NC
NC
GND
1
2
3
4
8
7
6
5
8-lead SOIC, PDIP
VCC
NC
SCL
SDA
VCC=C1
NC=C2
SCL/CLK=C3
NC=C4
TWI Smart Card Module
C5=GND
C6=NC
C7=SDA/IO
C8=NC
1.
Description
The AT88SC1616C member of the CryptoMemory
® family is a high-performance secure memory providing 16 Kbits of
user memory with advanced security and cryptographic features built in. The user memory is divided into 16 128-byte
zones, each of which may be individually set with different security access rights or effectively combined together to
provide space for 1 to 16 data files.
2.
Smart Card Applications
The AT88SC1616C provides high security, low cost, and ease of implementation without the need for a microprocessor
operating system. The embedded cryptographic engine provides for dynamic and symmetric mutual authentication
between the device and host, as well as performing stream encryption for all data and passwords exchanged between
the device and host. Up to four unique key sets may be used for these operations. The AT88SC1616C offers the ability
to communicate with virtually any smart card reader using the asynchronous T = 0 protocol (Gemplus patent) defined in
ISO 7816-3.
3.
Embedded Applications
Through dynamic and symmetric mutual authentication, data encryption, and the use of encrypted checksums, the
AT88SC1616C provides a secure place for storage of sensitive information within a system. With its tamper detection
circuits, this information remains safe even under attack. A 2-wire serial interface running at 1.0 MHz is used for fast
and efficient communications with up to 15 devices that may be individually addressed. The AT88SC1616C is available
in industry standard 8-lead packages with the same familiar pinout as 2-wire serial EEPROMs.


Similar Part No. - AT88SC1616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C-PU ATMEL-AT88SC1616C-PU Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-PU ATMEL-AT88SC1616C-PU Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
More results

Similar Description - AT88SC1616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C_07 Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C ATMEL-AT88SC1616C_14 Datasheet
424Kb / 21P
   Atmel CryptoMemory, 16-Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com