Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII9187 Datasheet(PDF) 2 Page - Silicon image

Part # SII9187
Description  PinnaClear Port Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9187 Datasheet(HTML) 2 Page - Silicon image

  SII9187 Datasheet HTML 1Page - Silicon image SII9187 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9187 Starter Kit
(CP9187HDMI)
Contents include:
Hardware
• SiI9187 port processor board
• HDMI to HDMI cable
Software
• Simon receiver software tool
Documentation
• User's guide
• Schematics
• Bill of materials (BOM)
SiI9187 Features
Industry-Standard Compliance
•HDMI 1.3
• DVI 1.0
• EIA/CEA-861D
• HDCP 1.1
• TMDS Transmitter @ 225MHz
HDMI Inputs
• Four HDMI inputs
• Supports DTV resolutions up to 1080p @
60Hz or 720p/1080i @ 120Hz with 36-bit
color depth
• Integrated EDID for each HDMI Port and
VGA port
• Integrated CEC Consumer Electronics Control
System Operation
• Register-programmable via slave I2C interface
Content Protection
• Integrated HDCP cipher engine
• Built-in HDCP BIST
• Pre-programmed HDCP keys:
- Simplify manufacturing process
- Provide extremely secure solution
- Lower system, manufacturing costs
• Built-in HDCP self-test
Power Management
• Low stand by power mode with auxiliary
power mode for CEC and EDID support
Package
• 72-pin 10x10mm QFN
• Pin compatible with Silicon Image’s SiI9285
and SiI9287 port processors
Copyright © 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9187, PinnaClear, and the PinnaClear logo are trademarks or registered trademarks of Silicon Image, Inc. in the
United States and/or other countries. HDMI, the HDMI logo, High-Definition Multimedia Interface, are trademarks or registered trademarks in the United States and/or other countries and are used under license
from HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications are subject to change without notice.
Part Number: SiI9187CTU
SiI-PB-1045 rev1 9/08
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
SiI9187 Block Diagram


Similar Part No. - SII9187

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
More results

Similar Description - SII9187

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9251 SILICONIMAGE-SII9251 Datasheet
365Kb / 2P
   PinnaClear Input Processor
SII9153 SILICONIMAGE-SII9153 Datasheet
186Kb / 2P
   PinnaClear??HDMI Input Processor
SII9223 SILICONIMAGE-SII9223 Datasheet
188Kb / 2P
   PinnaClear HDMI Receiver
SII9127 SILICONIMAGE-SII9127 Datasheet
203Kb / 2P
   PinnaClear HDMI Receiver
SII9389 SILICONIMAGE-SII9389 Datasheet
300Kb / 2P
   HDMI 1.4 Port Processor
SII9387 SILICONIMAGE-SII9387 Datasheet
299Kb / 2P
   HDMI 1.4 Port Processor
logo
Broadcom Corporation.
BCM5345 BOARDCOM-BCM5345 Datasheet
305Kb / 2P
   25 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
BCM5346M BOARDCOM-BCM5346M Datasheet
200Kb / 2P
   16 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
BCM5345M BOARDCOM-BCM5345M Datasheet
307Kb / 2P
   24 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
BCM5346 BOARDCOM-BCM5346 Datasheet
228Kb / 2P
   17 PORT GIGABIT ETHERNET SWITCHING PROCESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com