Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V40501DVGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 5V40501DVGI
Description  LOCO??PLL CLOCK MULTIPLIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V40501DVGI Datasheet(HTML) 2 Page - Integrated Device Technology

  5V40501DVGI Datasheet HTML 1Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 2Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 3Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 4Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 5Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 6Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 7Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 8Page - Integrated Device Technology 5V40501DVGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT5V40501
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ LOCO™ PLL CLOCK MULTIPLIER
2
IDT5V40501
REV C 102808
Pin Assignment
Clock Input Table
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
Common Output Frequency Examples (MHz)
Pin Descriptions
X1/ I CLK
VDD
GND
OE
S1
S0
CLK
X2
1
2
3
4
8
7
6
5
8 Pi n ( 150 mil) SOIC
S1 S0
CLK
Minimum Input
0
0
4X input
4 MHz
0
M
5.3125X input
4 MHz
0
1
5X input
3 MHz
M
0
6.25X input
3.5 MHz
M
M
2X input
7.5 MHz
M
1
3.125X input
7 MHz
1
0
6X input
3 MHz
1
M
3X input
5 MHz
1
1
8X input
2 mhZ
Output
20
24
30
32
33.33
37.5
40
48
50
60
Input
10
12
10
16
16.66
12
10
12
16.66
10
Selection (S1, S0)
M, M
M, M
1, M
M, M
M, M
M, 1
0, 0
0, 0
1, M
1, 0
Output
62.5
64
66.66
72
75
80
83.33
90
100
Input
20
16
16.66
12
12
10
16.66
15
20
Selection (S1, S0)
M, 1
0, 0
0, 0
1, 0
M, 0
1, 1
0, 1
1, 0
0, 1
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection or clock input.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
S1
Tri-level Input
Select 1 for output clock. Connect to GND or VDD or float.
5
CLK
Output
Clock output per table above.
6
S0
Tri-level Input
Select 0 for output clock. Connect to GND or VDD or float.
7
OE
Input
Output enable. Tri-states CLK output when low. Internal pull-up.
8
X2
Output
Crystal connection. Leave unconnected for clock input.


Similar Part No. - 5V40501DVGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V40501DVGI RENESAS-5V40501DVGI Datasheet
368Kb / 10P
   LOCO™ PLL CLOCK MULTIPLIER
102808
5V40501DVGI8 RENESAS-5V40501DVGI8 Datasheet
368Kb / 10P
   LOCO™ PLL CLOCK MULTIPLIER
102808
More results

Similar Description - 5V40501DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
   LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
   LOCO??PLL Clock Multiplier
logo
Integrated Device Techn...
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com