Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V50015 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5V50015
Description  LOW EMI CLOCK GENERATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V50015 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5V50015 Datasheet HTML 1Page - Integrated Device Technology IDT5V50015 Datasheet HTML 2Page - Integrated Device Technology IDT5V50015 Datasheet HTML 3Page - Integrated Device Technology IDT5V50015 Datasheet HTML 4Page - Integrated Device Technology IDT5V50015 Datasheet HTML 5Page - Integrated Device Technology IDT5V50015 Datasheet HTML 6Page - Integrated Device Technology IDT5V50015 Datasheet HTML 7Page - Integrated Device Technology IDT5V50015 Datasheet HTML 8Page - Integrated Device Technology IDT5V50015 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT5V50015
LOW EMI CLOCK GENERATOR
SSCG
IDT™ LOW EMI CLOCK GENERATOR
5
IDT5V50015
REV F 031109
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Note 1: CL = 15 pF.
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +70
° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
ICLK=150 MHz, Note 1
40
mA
ICLK=200 MHz, Note 1
50
mA
Input High Voltage
VIH
S1: S0
2.0
V
Input Low Voltage
VIL
S1: S0
0.8
V
Output High Voltage
VOH
IOH = -6 mA
2.4
V
IOH =- 20 mA
2.0
V
Output Low Voltage
VOL
IOL = 6 mA
0.4
V
IOL = 20 mA
1.2
V
Input Capacitance
CIN1
All inputs
3
4
5
pF
Pull-down Resistance
RPD
S1, S0
240
k
Pull-up Resistance
RPU
SSCC
240
k
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
135
200
MHz
Output Clock Frequency
135
200
MHz
Output Clock Duty Cycle
All outputs
47
50
53
%
Cycle to cycle Jitter
ICLK=150 MHz, SS on
50
100
ps
ICLK=200 MHz, SS on
75
100
ps
Output Rise Time
tR
20% to 80%, CL=15 pF, 150 MHz
0.9
ns
Output Fall Time
tF
80% to 20%, CL=15 pF, 150 MHz
0.9
ns
Modulation Frequency
ICLK=200 MHz
51.2
kHz
ICLK=150 MHz
38.4
ICLK=130 MHz
32


Similar Part No. - IDT5V50015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
More results

Similar Description - IDT5V50015

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com