Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V50009DCG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5V50009DCG8
Description  SPREAD SPECTRUM CLOCK GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V50009DCG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  5V50009DCG8 Datasheet HTML 1Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 2Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 3Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 4Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 5Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 6Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 7Page - Integrated Device Technology 5V50009DCG8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATASHEET
SPREAD SPECTRUM CLOCK GENERATOR
IDT5V50009
IDT™ SPREAD SPECTRUM CLOCK GENERATOR
1
IDT5V50009
REV C 040609
Description
The IDT5V50009 generates a low EMI output clock and a
reference clock from a clock or crystal input. The part is
designed to lower EMI through the application of spreading
a clock. Using IDT’s proprietary mix of analog and digital
Phase-Locked Loop (PLL) technology, the device spreads
the frequency spectrum of the output, reducing the
frequency amplitude peaks by several dB depending on
spread range. The IDT5V50009 offers a range of down
spread from a high speed clock or crystal input. The
IDT5V50009 generates one modulated (SSCLK) and
unmodulated (REFCLK) clock. The modulated clock is
controlled by the select pin, and the unmodulated clock has
the same frequency as the input clock or crystal.
Features
Packaged in 8-pin SOIC
Available in Pb (lead) free package
Input frequency range 20- 40 MHz
Provides modulated and unmodulated clocks
Accepts a clock or crystal input
Provides down spread modulation
Provides power down function
Reduce electromagnetic interference (EMI) by
8-16 db
Operating voltage of 3.3 V
Advanced, low-power CMOS process
Block Diagram
PLL Clock
Synthesis and
Spread
Spectrum
Circuitry
S0
GND
Clock Buffer/
Crystal
Ocsillator
X1/CLK
X2
External caps required for
with crystal for accurate
tuning of the clock
SSCLK
REFCLK
VDD
PD


Similar Part No. - 5V50009DCG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V50009DCG8 RENESAS-5V50009DCG8 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
040609
More results

Similar Description - 5V50009DCG8

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com