Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5V50009 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5V50009
Description  SPREAD SPECTRUM CLOCK GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V50009 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5V50009 Datasheet HTML 1Page - Integrated Device Technology IDT5V50009 Datasheet HTML 2Page - Integrated Device Technology IDT5V50009 Datasheet HTML 3Page - Integrated Device Technology IDT5V50009 Datasheet HTML 4Page - Integrated Device Technology IDT5V50009 Datasheet HTML 5Page - Integrated Device Technology IDT5V50009 Datasheet HTML 6Page - Integrated Device Technology IDT5V50009 Datasheet HTML 7Page - Integrated Device Technology IDT5V50009 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDT5V50009
SPREAD SPECTRUM CLOCK GENERATOR
SSCG
IDT™ SPREAD SPECTRUM CLOCK GENERATOR
5
IDT5V50009
REV C 040609
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V +10%, Ambient Temperature 0 to +70
° C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
20
40
MHz
Output Clock Frequency
20
40
MHz
Clock Rise Time
trise1
SSCLK and REFCLK,
0.8 V to 2.0 V
0.75
ns
Clock Fall Time
tfall1
SSCLK and REFCLK,
0.8 V to 2.0 V
0.75
ns
Output Clock Duty Cycle
SSCLK and REFCLK
@1.65V
45
50
55
%
Cycle-to-Cycle Jitter
SSCLK,
Fin=27MHz,
Fout=27MHz
250
350
ps
Cycle-to-Cycle Jitter
REFCLK,
Fin=27MHz,
Fout=27MHz
275
375
ps
Modulation rate
Input/512
39
78
kHz
EMI Peak Frequency Reduction
8 to 16
dB
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
110
° C/W
θJA
1 m/s air flow
100
° C/W
θJA
3 m/s air flow
80
° C/W
Thermal Resistance Junction to Case
θJC
35
° C/W


Similar Part No. - IDT5V50009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5V50009 RENESAS-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
040609
More results

Similar Description - IDT5V50009

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com