Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808CA Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC0808CA
Description  CryptoMemory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CA Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SC0808CA_09 Datasheet HTML 2Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 3Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 4Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 9Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
AT88SC0808CA
5204ES–CRYPT–08/09
Note
:
1. To prevent Latch Up Conditions from occurring during Power Up of the AT88SC0808CA, VCC must be
turned on before applying VIH. For Powering Down, VIH must be removed before turning VCC off.
Table 3.
AC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.6V, TAC = -40°C to +85°C, CL = 30pF
(unless otherwise noted)
Symbol
Parameter
Min
Max
Units
fCLK
Async Clock Frequency
1
4
MHz
fCLK
Synch Clock Frequency
0
1
MHz
Clock Duty cycle
40
60
%
tR
“Rise Time - SDA/IO, RST”
1
μS
tF
“Fall Time - SDA/IO, RST”
1
μS
tR
Rise Time - SCL/CLK
9% x period
μS
tF
Fall Time - SCL/CLK
9% x period
μS
tAA
Clock Low to Data Out Valid
250
nS
tHD.STA
Start Hold Time
200
nS
tSU.STA
Start Set-up Time
200
nS
tHD.DAT
Data In Hold Time
10
nS
tSU.DAT
Data In Set-up Time
100
nS
tSU.STO
Stop Set-up Time
200
nS
tDH
Data Out Hold Time
20
nS
tWR
Write Cycle Time
5
mS


Similar Part No. - AT88SC0808CA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CA-MJ ATMEL-AT88SC0808CA-MJ Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0808CA-MJ ATMEL-AT88SC0808CA-MJ Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0808CA-MJTG ATMEL-AT88SC0808CA-MJTG Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0808CA-MP ATMEL-AT88SC0808CA-MP Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0808CA-MP ATMEL-AT88SC0808CA-MP Datasheet
304Kb / 23P
   Atmel CryptoMemory
More results

Similar Description - AT88SC0808CA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com