Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC0808CA Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT88SC0808CA
Description  CryptoMemory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CA Datasheet(HTML) 5 Page - ATMEL Corporation

  AT88SC0808CA_09 Datasheet HTML 1Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 2Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 3Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 4Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 5Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CA_09 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AT88SC0808CA
5
5204ES–CRYPT–08/09
6.
*Absolute Maximum Ratings
Operating Temperature.............................−40°C to +85°C
Storage Temperature ............................−65°C to + 150°C
Voltage on Any Pin
with Respect to Ground .......................− 0.7 to VCC +0.7V
Maximum Operating Voltage.......................................4.0V
DC Output Current ..................................................5.0 mA
*NOTICE: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other condition beyond those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute
maximum
rating
conditions
for
extended periods of time may affect device
reliability.
Table 2.
DC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.6V, TAC = -40°C to +85°C (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VCC
(1)
Supply Voltage
2.7
3.6
V
ICC
Supply Current
Async READ at 3.57MHz
5
mA
ICC
Supply Current
Async WRITE at 3.57MHz
5
mA
ICC
Supply Current
Synch READ at 1MHz
5
mA
ICC
Supply Current
Synch WRITE at 1MHz
5
mA
ISB
Standby Current
VIN = VCC or GND
100
μA
VIL
SDA/IO Input Low Voltage
0
VCC x 0.2
V
VIL
CLK Input Low Voltage
0
VCC x 0.2
V
VIL
RST Input Low Voltage
0
VCC x 0.2
V
VIH
(1)
SDA/IO Input High Voltage
VCC x 0.7
5.5
V
VIH
(1)
SCL/CLK Input High Voltage
VCC x 0.7
5.5
V
VIH
(1)
RST Input High Voltage
VCC x 0.7
5.5
V
IIL
SDA/IO Input Low Current
0 < VIL < VCC x 0.15
15
μA
IIL
SCL/CLK Input Low Current
0 < VIL < VCC x 0.15
15
μA
IIL
RST Input Low Current
0 < VIL < VCC x 0.15
50
μA
IIH
SDA/IO Input High Current
VCC x 0.7 < VIH < VCC
20
μA
IIH
SCL/CLK Input High Current
VCC x 0.7 < VIH < VCC
100
μA
IIH
RST Input High Current
VCC x 0.7 < VIH < VCC
150
μA
VOH
SDA/IO Output High Voltage
20K ohm external pull-up
VCC x 0.7
VCC
V
VOL
SDA/IO Output Low Voltage
IOL = 1mA
0
VCC x 0.15
V
IOH
SDA/IO Output High Current
VOH
20
μA
IOL
SDA/IO Output Low Current
VOL
10
mA


Similar Part No. - AT88SC0808CA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CA-MJ ATMEL-AT88SC0808CA-MJ Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0808CA-MJ ATMEL-AT88SC0808CA-MJ Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0808CA-MJTG ATMEL-AT88SC0808CA-MJTG Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0808CA-MP ATMEL-AT88SC0808CA-MP Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0808CA-MP ATMEL-AT88SC0808CA-MP Datasheet
304Kb / 23P
   Atmel CryptoMemory
More results

Similar Description - AT88SC0808CA_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA Datasheet
600Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com