Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

560MR2D Datasheet(PDF) 4 Page - HB Electronic Components

Part # 560MR2D
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560MR2D Datasheet(HTML) 4 Page - HB Electronic Components

  560MR2D Datasheet HTML 1Page - HB Electronic Components 560MR2D Datasheet HTML 2Page - HB Electronic Components 560MR2D Datasheet HTML 3Page - HB Electronic Components 560MR2D Datasheet HTML 4Page - HB Electronic Components 560MR2D Datasheet HTML 5Page - HB Electronic Components 560MR2D Datasheet HTML 6Page - HB Electronic Components 560MR2D Datasheet HTML 7Page - HB Electronic Components 560MR2D Datasheet HTML 8Page - HB Electronic Components 560MR2D Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LED SPECIFICATION
Page: 4
Typical electrical/optical characteristic curves
2.0
40
Ambient Temperature TA ( )
020
20
0
10
30
40
80
60
100
Forward Voltage(V)
1.7
1.9
50
0
10
20
30
50
40
30
2.3
2.1
2.5
10
20
0
IF-Forward Current (mA)
0.5
0
1.0
1.5
40
50
2.5
1.5
Ambient Temperature TA ( )
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
LUMINOUS INTENSITY Vs.
FORWARD CURRENT
LUMINOUS INTENSITY Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
AMBIENT TEMPERATURE
FORWARD CURRENT Vs.
FORWARD VOLTAGE
750
450
500
600
550
650
700
75
25
50
0
Wavelength
¬(nm)
100


Similar Part No. - 560MR2D

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
560MR2C HB-560MR2C Datasheet
125Kb / 9P
   LED
More results

Similar Description - 560MR2D

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com