Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8WT728 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # C8WT728
Description  Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

C8WT728 Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button C8WT728 Datasheet HTML 5Page - Seoul Semiconductor C8WT728 Datasheet HTML 6Page - Seoul Semiconductor C8WT728 Datasheet HTML 7Page - Seoul Semiconductor C8WT728 Datasheet HTML 8Page - Seoul Semiconductor C8WT728 Datasheet HTML 9Page - Seoul Semiconductor C8WT728 Datasheet HTML 10Page - Seoul Semiconductor C8WT728 Datasheet HTML 11Page - Seoul Semiconductor C8WT728 Datasheet HTML 12Page - Seoul Semiconductor C8WT728 Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SSC-QP-7-07-24 (Rev.00)
Rev. 03
Rev. 03
June 2009
June 2009
www.
www.acriche
acriche.com
.com
6. Color & Binning
COLOR RANK
<IF=60mA, Ta=25℃>
0.3428
0.344
0.3554
0.3451
0.3369
0.3366
0.349
0.3371
5600 ~ 5300 K
6500 ~ 6000 K
C4
C3
C2
C1
0.3258
0.3365
0.3105
0.3234
0.294
0.3104
0.3539
0.3292
0.3462
0.3207
0.3393
0.3117
0.3304
0.3028
0.362
0.3533
0.376
0.3551
0.3554
0.3451
0.3687
0.3463
5300 ~ 4700 K
6000 ~ 5300 K
7000 ~ 6000 K
Z
Y
X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
0.3369
0.3366
0.3243
0.3222
0.3113
0.3068
0.3487
0.3515
0.3369
0.3366
0.3261
0.3221
0.34
0.35
0.3258
0.3365
0.3105
0.3234
0.3487
0.3515
0.362
0.3533
0.3428
0.344
0.3554
0.3451
0.3554
0.3451
0.3687
0.3463
0.349
0.3371
0.3616
0.3376
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
5000 ~ 4700 K
5300 ~ 5000 K
0.3616
0.3376
0.3539
0.3292
0.3481
0.3205
0.3393
0.3117
0.3369
0.3366
0.3306
0.3294
0.3261
0.3221
0.3187
0.3145
0.3306
0.3294
0.3243
0.3222
0.3187
0.3145
0.3113
0.3068
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
B2
B1
A2
A1
6000 ~ 5600 K
7000 ~ 6500 K
A~C, X~Z -> CCT 4700 ~ 7000 K
* Measurement Uncertainty of the Color Coordinates : ± 0.01


Similar Part No. - C8WT728

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
C8WT803 SEOUL-C8WT803 Datasheet
692Kb / 20P
   White colored SMT package Pd-free Reflow Soldering Application
More results

Similar Description - C8WT728

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com