Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRX2 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # KRX2
Description  UHF FM Code-Hopping Receiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KRX2 Datasheet(HTML) 3 Page - Radiometrix Ltd

  KRX2 Datasheet HTML 1Page - Radiometrix Ltd KRX2 Datasheet HTML 2Page - Radiometrix Ltd KRX2 Datasheet HTML 3Page - Radiometrix Ltd KRX2 Datasheet HTML 4Page - Radiometrix Ltd KRX2 Datasheet HTML 5Page - Radiometrix Ltd KRX2 Datasheet HTML 6Page - Radiometrix Ltd KRX2 Datasheet HTML 7Page - Radiometrix Ltd KRX2 Datasheet HTML 8Page - Radiometrix Ltd KRX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Radiometrix Ltd
KRX2
page 3
Pin description
Pin
Name
Function
1
RSSI
Analogue output of received signal strength indication with 60dB range.
See page 5 for typical characteristics.
2
RESERVED Do not connect anything to this pin
3
0V
DC supply 0V. Internally connected to pins 4 & 9 and module screen.
4
0V
DC supply 0V. Internally connected to pins 3 & 9 and module screen.
5
LRN (OUT)
Digital indication of Learn function - see below for operational description.
6
RXD
Digital output from the internal data slicer, i.e. a squared version of the
signal on pin 7 (AF). It may be used to drive external decoders.
7
AF
Buffered and filtered analogue output from the FM demodulator. Standing
DC bias 2V approx. External load should be >10k
Ω // <100pF.
8
+5V
+5V regulated power supply (4.5 - 5.25V)
9
RF GND
RF ground pin, internally connected to the module screen and pins 3 & 4
(0V). This pin should be connected to the RF return path (coax braid, main
PCB ground plane etc.)
10
RF IN
50
Ω input from the antenna, DC isolated.
11
MODE
Digital input, normally high – high=10ms monostable output,
low=momentary – see below for futher description.
12
LRN (IN)
Digital input, normally high – taken low for learning transmitters or
clearing decoder NV memory – see below for detailed description.
13
/RST
Resets Decoder when taken low. NV memory and receiver are unaffected.
14
RESERVED Do not connect anything to this pin.
15
RESERVED Do not connect anything to this pin.
16
LOW BATT
Digital output – indicates that the supply voltage at the transmitter of the
current message has fallen below approx. 3.8V.
17
S3
Digital output – function code of the current message
18
S2
Digital output – function code of the current message
19
S1
Digital output – function code of the current message
20
S0
Digital output – function code of the current message
Using KRX2
A simple connection diagram for experimental purposes is shown in Figure 3.
The Mode switch is connected between MODE and 0V and the Learn button is connected between LRN
(IN) and 0V. The antenna can be just a few centimetres of wire, for test purposes. Refer to antenna
requirements at the end of this datasheet for operational recommendations. The 5V shown would
normally be supplied by a regulated low-noise PSU. Remaining digital outputs are all connected to
LEDs to show the operation of the module.
CAUTION!
Take care that the supply never exceeds 5.5V, even momentarily: if this happens the module may be
permanently damaged.
Learning a transmitter
The Learn button is pressed momentarily (<1s) and a 5-second (approx.) window follows, during which
Learn LED “L” is lit and a message received from a Radiometrix code-hopped transmitter during this
period is used to Learn that transmitter into the KRX2 memory. The function code used to activate the
transmitter during learning is also stored in memory and when the same function code is used again
from that transmitter during normal operation the Learn LED lights to indicate this. Note: if a
transmitter has already been stored it is simply re-learned (with the function code updated if this is
different). Upon learning a transmitter the Learn LED flashes several times to indicate success.


Similar Part No. - KRX2

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRX201E KEC-KRX201E Datasheet
85Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX201U KEC-KRX201U Datasheet
89Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202E KEC-KRX202E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX202U KEC-KRX202U Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRX203E KEC-KRX203E Datasheet
84Kb / 3P
   EPITAXIAL PLANAR NPN/PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRX2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
KTX2 RADIOMETRIX-KTX2 Datasheet
234Kb / 8P
   UHF FM Code-Hopping Data Transmitter Module
KTX2 RADIOMETRIX-KTX2_12 Datasheet
395Kb / 8P
   UHF FM Code-Hopping Data Transmitter Module
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
   UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
RX3G RADIOMETRIX-RX3G Datasheet
174Kb / 6P
   UHF FM receiver module with RSSI
RX2A RADIOMETRIX-RX2A Datasheet
463Kb / 7P
   UHF FM receiver module with RSSI
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
CML Microcircuits
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
   UHF FM/FSK Receiver
logo
Microchip Technology
RFHCS362F MICROCHIP-RFHCS362F Datasheet
502Kb / 60P
   Code Hopping Encoder with UHF ASK/FSK Transmitter
2002
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com