Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EUP7917 Datasheet(PDF) 3 Page - Eutech Microelectronics Inc

Part No. EUP7917
Description  300mA, High PSRR Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

EUP7917 Datasheet(HTML) 3 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EUP7917
DS7917 Ver1.2 Mar. 2008
3
Ordering Information
Order Number
Package Type
Marking
Operating Temperature range
EUP7917-12NIR1
SC-70
pT xx
-40 °C to 125°C
EUP7917-13NIR1
SC-70
pX xx
-40 °C to 125°C
EUP7917-15NIR1
SC-70
pC xx
-40 °C to 125°C
EUP7917-18NIR1
SC-70
pD xx
-40 °C to 125°C
EUP7917-185NIR1
SC-70
pU xx
-40 °C to 125°C
EUP7917-25NIR1
SC-70
pB xx
-40 °C to 125°C
EUP7917-28NIR1
SC-70
pE xx
-40 °C to 125°C
EUP7917-285NIR1
SC-70
pF xx
-40 °C to 125°C
EUP7917-29NIR1
SC-70
pW xx
-40 °C to 125°C
EUP7917-30NIR1
SC-70
pG xx
-40 °C to 125°C
EUP7917-33NIR1
SC-70
pH xx
-40 °C to 125°C
EUP7917-35NIR1
SC-70
pR xx
-40 °C to 125°C
EUP7917-48NIR1
SC-70
pK xx
-40 °C to 125°C
EUP7917NIR1
SC-70
pA xx
-40 °C to 125°C
EUP7917-12VIR1
SOT23-5
pT xxxx
-40 °C to 125°C
EUP7917-13VIR1
SOT23-5
pX xxxx
-40 °C to 125°C
EUP7917-15VIR1
SOT23-5
pC xxxx
-40 °C to 125°C
EUP7917-18VIR1
SOT23-5
pD xxxx
-40 °C to 125°C
EUP7917-185VIR1
SOT23-5
pU xxxx
-40 °C to 125°C
EUP7917-25VIR1
SOT23-5
pB xxxx
-40 °C to 125°C
EUP7917-28VIR1
SOT23-5
pE xxxx
-40 °C to 125°C
EUP7917-285VIR1
SOT23-5
pF xxxx
-40 °C to 125°C
EUP7917-29VIR1
SOT23-5
pW xxxx
-40 °C to 125°C
EUP7917-30VIR1
SOT23-5
pG xxxx
-40 °C to 125°C
EUP7917-33VIR1
SOT23-5
pH xxxx
-40 °C to 125°C
EUP7917-35VIR1
SOT23-5
pR xxxx
-40 °C to 125°C
EUP7917-48VIR1
SOT23-5
pK xxxx
-40 °C to 125°C
EUP7917VIR1
SOT23-5
pA xxxx
-40 °C to 125°C
EUP7917- □□□ □ □ □ □
Lead Free Code
1: Lead Free 0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
Package Type
N: SC-70
V: SOT-23
Output Voltage
12:1.2V
13:1.3V 15:1.5V 18:1.8V
185:1.85V 25:2.5V 28:2.8V
285:2.85V 29:2.9V 30:3.0V
33:3.3V
35:3.5V 48:4.8V Blank: Adjustable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn