Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EUP7917 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part No. EUP7917
Description  300mA, High PSRR Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

EUP7917 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EUP7917
DS7917 Ver1.2 Mar. 2008
2
Typical Application Circuit
Figure 2. Fixed-Voltage LDO Regulator
Pin Configurations
Package Type
Pin
Configurations
SC-70
SOT23-5
Fixed-Voltage
Adjustable Voltage
Pin Description
PIN
PIN
DESCRIPTION
VIN
1
Input voltage of the LDO
GND
2
Common ground
VEN
3
Enable input logic, enable high
BYPASS
Optional bypass capacitor for noise reduction
ADJ
4
Adjustable regulator feedback input. Connect to resistor divider.
VOUT
5
Output voltage of the LDO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn