Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EUP7917 Datasheet(PDF) 5 Page - Eutech Microelectronics Inc

Part No. EUP7917
Description  300mA, High PSRR Low-Noise LDO
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

EUP7917 Datasheet(HTML) 5 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EUP7917
DS7917 Ver1.2 Mar. 2008
5
Electrical Characteristics (continued)
Conditions: VIN=VOUT+0.5V or 2.5V whichever is greater,VEN=VIN,CIN=1uF,COUT=1uF,TA=-40~85℃
,Unless otherwise specified.
VENL
VENL (Maximum Low Level
Input Voltage at EN)
VIN=2.5V to 5.5V
0.4
V
VENH
VENH (Minimum high Level
Input Voltage at EN)
VIN=2.5V to 5.5V
1.5
V
VEN Input Bias Current
VIN=5.5V, VEN=0 or 5.5V
1
nA
FB Input Bias Current (ADJ
Version)
VIN=5.5V, VFB=1.3V
1
nA
VFB
FB Pin Voltage (ADJ
Version)
TA=25℃
1.176
1.2
1.224
V
TSD
Thermal Shutdown
Temperature
155
∆TSD
Thermal Shutdown
Hysteresis
15
Note 1: Dropout is defined as VIN-VOUT when VOUT is 100mV below the value of VOUT for VIN=VOUT+0.5V
Note 2: Test time needed for VOUT to reach 90% of final value.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn