Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN56Q64-104HIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part No. EN56Q64-104HIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  60 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN56Q64-104HIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN25Q64
Rev. E, Issue Date: 2009/10/19
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 64 M-bit Serial Flash
- 64 M-bit/8192 K-byte/32768 pages
- 256 bytes per programmable page
• Standard, Dual or Quad SPI
- Standard SPI: CLK, CS#, DI, DO, WP#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#
- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3
• High performance
- 104MHz clock rate for one data bit
- 50MHz clock rate for two data bits
- 50MHz clock rate for four data bits
• Low power consumption
- 12 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- 2048 sectors of 4-Kbyte
- 128 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.3ms typical
- Sector erase time: 90ms typical
- Block erase time 500ms typical
- Chip erase time: 30 seconds typical
• Write Suspend and Write Resume
• Lockable 512 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 200mil body width
- 8 contact VDFN (5x6mm)
- 8 contact VDFN (6x8mm)
- 16 pins SOP 300mil body width
- All Pb-free packages are RoHS compliant
• Industrial temperature Range
GENERAL DESCRIPTION
The EN25Q64 is a 64 Megabit (8192K-byte) Serial Flash memory, with advanced write protection
mechanisms. The EN25Q64 supports the standard Serial Peripheral Interface (SPI), and a high
performance Dual output as well as Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI),
DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 50MHz are supported allowing
equivalent clock rates of 100MHz for Dual Output and 200MHz for Quad Output when using the
Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The EN25Q64 is designed to allow either single Sector/Block at a time or full chip erase operation. The
EN25Q64 can be configured to protect part of the memory as the software protected mode. The device
can sustain a minimum of 100K program/erase cycles on each sector or block.
EN25Q64
64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn