Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515XB7C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 515XB7C
Description  LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

515XB7C Datasheet(HTML) 3 Page - HB Electronic Components

  515XB7C Datasheet HTML 1Page - HB Electronic Components 515XB7C Datasheet HTML 2Page - HB Electronic Components 515XB7C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:515XB7C
www.ledz.com
3/3
LED SPECIFICATION
Ø Typical electrical/optical characteristic curves/光电特性曲线:
Fig.5 相对亮度 Vs. 波长
700
650
400
100
Wavelength λ(nm)
0
50
25
75
550
600
500
450
Ambient Temperature TA ()
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.3 正向电流 Vs. 环境温度
Fig.4 相对亮度 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
Fig.1 正向电流 Vs. 正向电压
2.0
50
40
2.0
1.5
1.0
2.5
40
20
30
50
0.5
30
20
10
0
0
4.0
10
0
3.2
2.8
2.4
3.6
40
50
Forward Voltage(V)
IF-Forward Current (mA)
100
80
20
60
40
10
20
0
0
Ambient Temperature TA ()
30


Similar Part No. - 515XB7C

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
515X SWITCH-515X Datasheet
159Kb / 1P
   JAX COVER, RoHS
9-19-06
logo
HB Electronic Component...
515XG2C HB-515XG2C Datasheet
71Kb / 3P
   LED
515XR2C HB-515XR2C Datasheet
67Kb / 3P
   LED
515XW8C HB-515XW8C Datasheet
84Kb / 4P
   LED
515XWO4C HB-515XWO4C Datasheet
516Kb / 3P
   Single color
More results

Similar Description - 515XB7C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com