Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EUP2584 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part No. EUP2584
Description  White LED Step-Up Converter In Tiny SOT-23 Package
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUTECH [Eutech Microelectronics Inc]
Homepage  http://www.eutechmicro.com
Logo 

EUP2584 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EUP2584
DS2584
Ver1.1
Mar. 2008
9
Application Information
LED Current Control
The EUP2584 regulates the LED current by setting the
current sense resistor (R2) connecting to feedback and
ground. The internal feedback reference voltage is 0.25V.
The LED current can be set from following equation
easily.
LED
I
0.25V
R2
=
--------------------------------------(1)
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The table
for R2 selection is shown below.
R2 Resistor Value selection
ILED (mA)
R2 (Ω)
5
50
10
25
12
21
15
16.7
20
12.5
Inductor Selection
The recommended value of inductor for 2 to 6 WLEDs
applications are 4.7 to 22µH. Small size and better
efficiency are the major concerns for portable device,
such as EUP2584 used for mobile phone. The inductor
should have low core loss at 1.1MHz and low DCR for
better efficiency. To avoid inductor saturation current
rating should be considered.
Dimming Control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the EUP2584 can
perform the dimming control by applying a PWM
signal to EN pin. The internal soft-start and wide range
dimming frequency from 100Hz to 100KHz can
insignificantly reduce audio noise when dimming. The
average LED current is proportional to the PWM signal
duty cycle. The magnitude of the PWM signal should
be higher than the maximum enable voltage of EN pin,
in order to let the dimming control perform correctly.
Figure 3. PWM Dimming Control Using the EN Pin
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is
a popular method in some applications. The dimming
control using a DC voltage circuit is shown in Figure 4.
According to the Superposition Theorem, as the DC
voltage increases, the voltage contributed to VFB
increases and the voltage drop on R2 decreases, i.e. the
LED current decreases. For example, if the VDC range
is from 0V to 2.8V, the selection of resistors in Figure 4
sets dimming control of LED current from 20mA to
0mA.
Figure 4. Dimming Control Using a DC Voltage
c. Using a Filtered PWM signal
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming
control. A filtered PWM signal acts as the DC voltage
to regulate the output current. The recommended
application circuit is shown in the Figure 6. In this
circuit, the output ripple depends on the frequency of
PWM signal. For smaller output voltage ripple
(<100mV), the recommended frequency of 2.8V PWM
signal should be above 2kHz. To fix the frequency of
PWM signal and change the duty cycle of PWM signal
can get different output current. According to the
application circuit of Figure 5, output current is from
20.5mA to 5.5mA by adjusting the PWM duty cycle
from 10% to 90%.
Figure 5. Filtered PWM Signal for LED Dimming
Control


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn