Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA6412A Datasheet(PDF) 18 Page - Eutech Microelectronics Inc

Part # EUA6412A
Description  2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6412A Datasheet(HTML) 18 Page - Eutech Microelectronics Inc

Back Button EUA6412A Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 14Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 15Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 16Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 17Page - Eutech Microelectronics Inc EUA6412A Datasheet HTML 18Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
EUA6412A
DS6412A Ver 1.1 June 2008
18
Package Information
TSSOP-24 (FD)
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
1.20
-
0.047
A1
0.00
0.15
0.000
0.006
b
0.19
0.30
0.007
0.012
E1
4.40
0.173
D
7.80
0.307
D1
4.60
0.181
E
6.20
6.60
0.244
0.260
E2
1.88
0.074
e
0.65
0.026
L
0.45
0.75
0.018
0.030


Similar Part No. - EUA6412A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412QIR1 EUTECH-EUA6412QIR1 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
EUA6412QIT1 EUTECH-EUA6412QIT1 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
More results

Similar Description - EUA6412A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA0312 TI-TPA0312 Datasheet
499Kb / 32P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Eutech Microelectronics...
EUA5212 EUTECH-EUA5212 Datasheet
567Kb / 18P
   2-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2 Datasheet
350Kb / 26P
[Old version datasheet]   2 W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
TPA6017A2 TI-TPA6017A2_07 Datasheet
735Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com