Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA4990 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUA4990
Description  1.36 Watt Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA4990 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUA4990 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EUA4990
DS4990 Ver 1.0 Mar. 2009
6
Electrical Characteristics VDD = 3V, TA = +25°C
EUA4990
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VIN=0V, IO=0A, No load
1.8
7
mA
IDD
Quiescent Power Supply Current
VIN=0V, IO=0A, 8Ω load
2
9
mA
ISD
Shutdown Current
VSHUTDOWN=0V
0.1
1
µA
VSDIH
Shutdown Voltage Input High
1.2
V
VSDIL
Shutdown Voltage Input Low
0.4
V
VOS
Output Offset Voltage
7
50
mV
ROUT-GND Resistor Output to GND
8.5
kΩ
PO
Output Power (8Ω)
THD=1%; f=1kHz
0.46
W
TWU
Wake-up time
85
ms
TSD
Thermal Shutdown Temperature
150
170
°C
THD+N Total Harmonic Distortion + Noise
PO=0.25 Wrms; f=1kHz
0.132
%
PSRR
Power Supply Rejection Ratio
Vripple=200mV sine p-p
Input Terminated with 10
ohms to ground
49
52(f=217Hz)
60(f=1kHz)
dB
Electrical Characteristics VDD = 2.6V, TA = +25°C
EUA4990
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
IDD
Quiescent Power Supply Current
VIN=0V, IO=0A, No load
1.7
mA
ISD
Shutdown Current
VSHUTDOWN=0V
0.1
µA
PO
Output Power (8Ω)
Output Power (4Ω)
THD=1%; f=1kHz
THD=1%; f=1kHz
0.339
0.492
W
THD+N Total Harmonic Distortion + Noise
PO=0.15Wrms; f=1kHz
0.15
%
PSRR
Power Supply Rejection Ratio
Vripple=200mV sine p-p
Input Terminated with 10
ohms to ground
52(f=217Hz)
60(f=1kHz)
dB


Similar Part No. - EUA4990

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
EUA4992JIR1 EUTECH-EUA4992JIR1 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
EUA4996JIR1 EUTECH-EUA4996JIR1 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
More results

Similar Description - EUA4990

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
   8 Watt Audio Power Amplifier
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com