Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S40-75XIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN25S40-75XIP
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40-75XIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN25S40-75XIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S40-75XIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN25S40
Rev. A, Issue Date: 2009/04/28
FEATURES
• Single power supply operation
- Full voltage range: 1.65-1.95 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 4 M-bit Serial Flash
- 4 M-bit/512 K-byte/2048 pages
- 256 bytes per programmable page
• Standard or Dual SPI
- Standard SPI: CLK, CS#, DI, DO, WP#, HOLD#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#, HOLD#
• High performance
- 75MHz clock rate for one data bit
- 50MHz clock rate for two data bits
• Low power consumption
- 7 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- 128 sector of 4-Kbyte
- 8 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Block Protect Bits are default set to “1” at
Power-up
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 1.3ms typical
- Sector erase time: 90ms typical
- Block erase time 400ms typical
- Chip erase time: 3.5 seconds typical
• Lockable 256 byte OTP security sector
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 150mil body width
- 8 contact VDFN 2x3mm
- 8 contact VDFN 5x6 mm
- All Pb-free packages are RoHS compliant
• Industrial temperature Range
GENERAL DESCRIPTION
The EN25S40 is a 4 Megabit (512K-byte) Serial Flash memory, with advanced write protection
mechanisms. The EN25S40 supports the standard Serial Peripheral Interface (SPI), and a high
performance Dual output as well as Dual I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI),
DQ1(DO), WP# and HOLD#. SPI clock frequencies of up to 50MHz are supported allowing equivalent
clock rates of 100MHz for Dual Output when using the Dual Output Fast Read instructions. The
memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.
The EN25S40 is designed to allow either single Sector/Block at a time or full chip erase operation. The
EN25S40 can be configured to protect part of the memory as the software protected mode. The device
can sustain a minimum of 100K program/erase cycles on each sector or block.
EN25S40
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector


Similar Part No. - EN25S40-75XIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40-75XIP EON-EN25S40-75XIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40-75XIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com