Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S40 Datasheet(PDF) 16 Page - Eon Silicon Solution Inc.

Part No. EN25S40
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S40 Datasheet(HTML) 16 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
16
EN25S40
Rev. A, Issue Date: 2009/04/28
Read Data Bytes at Higher Speed (FAST_READ) (0Bh)
The device is first selected by driving Chip Select (CS#) Low. The instruction code for the Read Data
Bytes at Higher Speed (FAST_READ) instruction is followed by a 3-byte address (A23-A0) and a
dummy byte, each bit being latched-in during the rising edge of Serial Clock (CLK). Then the memory
contents, at that address, is shifted out on Serial Data Output (DO), each bit being shifted out, at a
maximum frequency FR, during the falling edge of Serial Clock (CLK).
The instruction sequence is shown in Figure 10. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
The whole memory can, therefore, be read with a single Read Data Bytes at Higher Speed
(FAST_READ) instruction. When the highest address is reached, the address counter rolls over to
000000h, allowing the read sequence to be continued indefinitely.
The Read Data Bytes at Higher Speed (FAST_READ) instruction is terminated by driving Chip Select
(CS#) High. Chip Select (CS#) can be driven High at any time during data output. Any Read Data Bytes
at Higher Speed (FAST_READ) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 10. Fast Read Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn