Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S40 Datasheet(PDF) 33 Page - Eon Silicon Solution Inc.

Part No. EN25S40
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S40 Datasheet(HTML) 33 Page - Eon Silicon Solution Inc.

 
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
33
EN25S40
Rev. A, Issue Date: 2009/04/28
Figure 29. VDFN (8L 2x3mm)
MIN.
NOR
MAX
A
0.50
0.55
0.60
A1
0.00
0.035
0.05
A2
- - -
0.40
0.425
A3
D
2.953.003.05
E
1.952.002.05
J
0.100.200.30
K
1.501.601.70
e
b
0.200.250.30
L
0.30
- - -
- - -
L1
0.40
0.45
0.50
L2
- - -
- - -
0.15
SYMBOL
DIMENSION IN MM
0.152 REF
0.5 BSC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn