Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S40 Datasheet(PDF) 27 Page - Eon Silicon Solution Inc.

Part # EN25S40
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40 Datasheet(HTML) 27 Page - Eon Silicon Solution Inc.

Back Button EN25S40 Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25S40 Datasheet HTML 31Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
27
EN25S40
Rev. A, Issue Date: 2009/04/28
Table 9. DC Characteristics
(Ta = - 40°C to 85°C; VCC = 1.65-1.95V)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage Current
2
µA
ILO
Output Leakage Current
2
µA
ICC1
Standby Current
CS# = VCC, VIN = VSS or VCC
5
µA
ICC2
Deep Power-down Current
CS# = VCC, VIN = VSS or VCC
5
µA
CLK = 0.1 VCC / 0.9 VCC at
75MHz, DQ = open
14
mA
ICC3
Operating Current (READ)
CLK = 0.1 VCC / 0.9 VCC at
30MHz, DQ = open
11
mA
ICC4
Operating Current (PP)
CS# = VCC
15
mA
ICC5
Operating Current (WRSR)
CS# = VCC
15
mA
ICC6
Operating Current (SE)
CS# = VCC
15
mA
ICC7
Operating Current (BE)
CS# = VCC
15
mA
VIL
Input Low Voltage
– 0.5
0.2 VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 100 µA , Vcc=Vcc Min.
0.2
V
VOH
Output High Voltage
IOH = –100 µA , Vcc=Vcc Min.
VCC-0.2
V
Table 10. AC Measurement Conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0.2
VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3
VCC to 0.7VCC
V
Output Timing Reference Voltages
VCC / 2
V
Figure 24. AC Measurement I/O Waveform


Similar Part No. - EN25S40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75WIP EON-EN25S40-75WIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40-75XIP EON-EN25S40-75XIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com