Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S40 Datasheet(PDF) 25 Page - Eon Silicon Solution Inc.

Part No. EN25S40
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S40 Datasheet(HTML) 25 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
25
EN25S40
Rev. A, Issue Date: 2009/04/28
terminated by driving Chip Select High at any time during data output.
When Chip Select is driven High, the device is put in the Standby Power mode. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.
Figure 21. Read Identification (RDID)
Enter OTP Mode (3Ah)
This Flash has an extra 256 bytes OTP sector, user must issue ENTER OTP MODE command to read,
program or erase OTP sector. After entering OTP mode, the OTP sector is mapping to sector 127, SRP
bit
becomes OTP_LOCK bit and can be read with RDSR command. Program / Erase command will be
disabled when OTP_LOCK bit is ‘1’
WRSR command will ignore the input data and program OTP_LOCK bit to 1.
User must clear the protect bits before enter OTP mode.
OTP sector can only be program and erase before OTP_LOCK bit is set to ‘1’ and BP [2:0] = ‘000’. In
OTP mode, user can read other sectors, but program/erase other sectors only allowed when
OTP_LOCK bit equal to ‘0’.
User can use WRDI (04h) command to exit OTP mode.
Erase OTP Command (20h)
User can use Sector Erase (20h) command only to erase OTP data.
Table 7. OTP Sector Address
Sector
Sector Size
Address Range
127
256 byte
07F000h – 07F0FFh
Note:
The OTP sector is mapping to sector 127


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn