Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S40 Datasheet(PDF) 22 Page - Eon Silicon Solution Inc.

Part No. EN25S40
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S40 Datasheet(HTML) 22 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
22
EN25S40
Rev. A, Issue Date: 2009/04/28
Deep Power-down (DP) (B9h)
Executing the Deep Power-down (DP) instruction is the only way to put the device in the lowest con-
sumption mode (the Deep Power-down mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select (CS#) High deselects the device, and puts the device in the Standby mode (if there
is no internal cycle currently in progress). But this mode is not the Deep Power-down mode. The Deep
Power-down mode can only be entered by executing the Deep Power-down (DP) instruction, to reduce
the standby current (from ICC1 to ICC2, as specified in Table 9.)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. This releases the device from
this mode. The Release from Deep Power-down and Read Device ID (RDI) instruction also allows the
Device ID of the device to be output on Serial Data Output (DO).
The Deep Power-down mode automatically stops at Power-down, and the device always Powers-up in
the Standby mode. The Deep Power-down (DP) instruction is entered by driving Chip Select (CS#) Low,
followed by the instruction code on Serial Data Input (DI). Chip Select (CS#) must be driven Low for the
entire duration of the sequence.
The instruction sequence is shown in Figure 17.Chip Select (CS#) must be driven High after the eighth
bit of the instruction code has been latched in, otherwise the Deep Power-down (DP) instruction is not
executed. As soon as Chip Select (CS#) is driven High, it requires a delay of tDP before the supply
current is reduced to ICC2 and the Deep Power-down mode is entered.
Any Deep Power-down (DP) instruction, while an Erase, Program or Write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.
Figure 17. Deep Power-down Instruction Sequence Diagram
Release from Deep Power-down and Read Device ID (RDI)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. Executing this instruction takes
the device out of the Deep Power-down mode.
Please note that this is not the same as, or even a subset of, the JEDEC 16-bit Electronic Signature
that is read by the Read Identifier (RDID) instruction. The old-style Electronic Signature is supported for
reasons of backward compatibility, only, and should not be used for new designs. New designs should,
instead, make use of the JEDEC 16-bit Electronic Signature, and the Read Identifier (RDID) instruction.
When used only to release the device from the power-down state, the instruction is issued by driving
the CS# pin low, shifting the instruction code “ABh” and driving CS# high as shown in Figure 18. After


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn